Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07665 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07665
Description  SAW Filter 183.60MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07665 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07665 Datasheet HTML 1Page - Golledge Electronics Ltd MA07665 Datasheet HTML 2Page - Golledge Electronics Ltd MA07665 Datasheet HTML 3Page - Golledge Electronics Ltd MA07665 Datasheet HTML 4Page - Golledge Electronics Ltd MA07665 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 183.60MHz
Model: TB0187A
Part No: MA07665
REV. NO.: 2
TB0187A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. Operating Temperature: -30°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Value
Characteristics
Min.
Typ.
Max.
Center frequency
FC
MHz
-
183.6
-
Minimum insertion loss at Fc
dB
-
9.5
10.5
5dB Bandwidth
1.26
1.46
33dB Bandwidth
-
1.73
1.8
Ripple ( Fc-0.3MHz……Fc+0.3MHz)
dB
-
0.6
1.2
Phase linearity ( Fc-
0.63MHz……Fc+0.63MHz) (rms)
1.7
2.5
Attenuation:
1)Fc±0.9 MHz
dB
28
31
-
2)Fc±1.25 MHz
dB
33
36
-
3)Fc±1.7 MHz
dB
30
33
-
4)Fc±2.05 MHz
dB
33
37
-
5) 10~168 MHz
dB
50
58
-
6) 168.6~174.6 MHz
dB
40
48
-
7) 174.6~182.7 MHz
dB
28
31
-
8) 184.5~192.6 MHz
dB
30
33
-
9) 192.6~198.6 MHz
dB
40
48
10) 198.6~283.6 MHz
dB
50
57


Similar Part No. - MA07665

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07610 GOLLEDGE-MA07610 Datasheet
199Kb / 5P
SAW Filter 415.40MHz
MA07611 GOLLEDGE-MA07611 Datasheet
179Kb / 6P
SAW Filter 415.40MHz
MA07614 GOLLEDGE-MA07614 Datasheet
73Kb / 6P
1842.50MHz SAW Filter
MA07630 GOLLEDGE-MA07630 Datasheet
369Kb / 6P
SAW Filter 916.450MHz
MA07632 GOLLEDGE-MA07632 Datasheet
509Kb / 7P
SAW Filter 80.0MHz
More results

Similar Description - MA07665

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com