Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07831 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07831
Description  SAW Filter 261.120MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07831 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07831 Datasheet HTML 1Page - Golledge Electronics Ltd MA07831 Datasheet HTML 2Page - Golledge Electronics Ltd MA07831 Datasheet HTML 3Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 261.120MHz
Model: TB0204A
Part No: MA07831
REV. NO.: 1
TB0204A v1
1
A. MAXIMUM RATING:
1.Operating Temperature: -20
°C ~ 85 °C
2. Storage Temperature: -40
°C ~ +85 °C
B. CHARACTERISTICS:
1. Ambient Temperature: 25
°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
261.12
-
-
Minimum Insertion loss I.L.
dB
-
11.5
12
-
Lower 1 dB Bandedge
MHz
-
258.6
259.2
-
Upper 1 dB Bandedge
MHz
263.04
263.5
-
-
Lower 15 dB Bandedge
MHz
257.12
257.7
-
-
Upper 15 dB Bandedge
MHz
264.5
265.12
Phase Linearity (259.2~263.04MHz)(rms) deg
-
1.8
4
-
Attenuation (Reference level from minimum insertion loss)
dB
1) 161.12 MHz~241.12 MHz
dB
47
53
-
-
2) 241.12 MHz~253.12 MHz
dB
47
49
-
-
3) 269.12 MHz~281.12 MHz
dB
47
48
-
-
4) 281.12 MHz~361.12 MHz
dB
47
52
-
-
Substrate Material
LiTaO3
C. MEASUREMENT CIRCUIT:


Similar Part No. - MA07831

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07813 GOLLEDGE-MA07813 Datasheet
399Kb / 5P
897.50MHz SAW Filter
MA07865 GOLLEDGE-MA07865 Datasheet
247Kb / 5P
SAW Filter 1747.50MHz
More results

Similar Description - MA07831

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com