Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX8713 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8713
Description  12-lane, 10-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8713 Datasheet(HTML) 4 Page - PLX Technology

  PEX8713 Datasheet HTML 1Page - PLX Technology PEX8713 Datasheet HTML 2Page - PLX Technology PEX8713 Datasheet HTML 3Page - PLX Technology PEX8713 Datasheet HTML 4Page - PLX Technology PEX8713 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PEX 8713, PCI Express Gen 3 Switch, 12 Lanes, 10 Ports
© PLX Technology, www.plxtech.com
Page 4 of 5
8/1/2011, Version 1.0
Error Injection & SerDes Loopback
Using the PEX 8713’s Error Injection feature, users can
inject malformed packets and/or fatal errors into their
system and evaluate a system’s ability to detect and
recover from such errors. The PEX 8713 also supports
Internal Tx, External Tx, Recovered Clock, and Recovered
Data Loopback modes.
Applications
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8713 can be configured for a wide
variety of form factors and applications.
Host Centric Fan-out
The PEX 8713, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 6 shows a
server design where, in a quad or multi processor system,
users can assign endpoints/slots to CPU cores to distribute
the system load. The packets directed to different CPU
cores will go to different (user assigned) PEX 8713
upstream ports, allowing better queuing and load balancing
capability for higher
performance.
Conversely, the
PEX 8713 can
also be used in
single-host mode to
simply fan-out to
endpoints.
Figure 6. Host Centric Dual Upstream
Multi-Host Systems
In multi-host mode, the PEX 8713 can be shared by up to
two hosts in a
system. By
creating two
virtual switches,
the PEX 8713
allows two hosts
to fan-out to their
respective
endpoints. This
reduces the
number
Figure 7. Multi-Host System
of switches required for fan-out, saving precious board
space and power consumption. In Figure 7, the PEX 8713
is being shared by two different servers (hosts)
with each server is running its own applications (I/Os).
The PEX 8713 assigns the endpoints to the appropriate
host and isolates them from the other hosts.
Host Failover
The PEX 8713 can also be utilized in applications where
host failover is required. In the below application (Figure
8), two hosts may be active simultaneously and controlling
their own domains while exchange status information
through doorbell registers or I
2C interface. The devices can
be programmed to trigger fail-over if the heartbeat
information is not provided.
In the event of a failure, the
surviving device will reset the
endpoints connected to the
failing CPU and enumerate
them in its own domain
without impacting the
operation of endpoints
already in its domain.
Figure 8. Host Fail-Over
N+1 Fail-Over in Storage Systems
The PEX 8713’s Multi-Host feature can also be used to
develop storage array clusters where each host manages a
set of storage devices independent of others (Figure 9).
Users can designate one of the hosts as the failover-host
for all the other hosts while actively managing its own
endpoints. The failover-host will communicate with other
hosts for status/heartbeat information and execute a
failover event if/when it gets triggered.
Figure 9. N+1 Failover



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com