Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX8724 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8724
Description  24-lane, 6-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8724 Datasheet(HTML) 3 Page - PLX Technology

  PEX8724 Datasheet HTML 1Page - PLX Technology PEX8724 Datasheet HTML 2Page - PLX Technology PEX8724 Datasheet HTML 3Page - PLX Technology PEX8724 Datasheet HTML 4Page - PLX Technology PEX8724 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PEX 8724, PCI Express Gen 3 Switch, 24 Lanes, 6 Ports
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the PEX
8724 is tested for Microsoft Vista compliance. All PLX
switches undergo thorough interoperability testing in
PLX’s Interoperability Lab and compliance testing at
the PCI-SIG plug-fest.
performancePAK
™
Exclusive to PLX, performancePAK is a suite of unique
and innovative performance features which allows PLX’s
Gen 2 switches to be the highest performing Gen 2
switches in the market today. The performancePAK
features consists of the Read Pacing, Multicast, and
Dynamic Buffer Pool.
Read Pacing
The Read Pacing feature allows users to throttle the
amount of read requests being made by downstream
devices. When a downstream device requests several long
reads back-to-back, the Root Complex gets tied up in
serving that downstream port. If that port has a narrow link
and is therefore slow in receiving these read packets from
the Root Complex, then other downstream ports may
become starved – thus, impacting performance. The Read
Pacing feature enhances performances by allowing for the
adequate servicing of all downstream devices.
Multicast
The Multicast feature enables the copying of data (packets)
from one ingress port to multiple (up to 5) egress ports in
one transaction allowing for higher performance in dual-
graphics, storage, security, and redundant applications,
among others. Multicast relieves the CPU from having to
conduct multiple redundant transactions, resulting in
higher system performance.
Dynamic Buffer Pool
The PEX 8724 employs a dynamic buffer pool for Flow
Control (FC) management. As opposed to a static buffer
scheme which assigns fixed, static buffers to each port,
PLX’s dynamic buffer allocation scheme utilizes a
common pool of FC Credits which are shared by other
ports. This shared buffer pool is fully programmable by the
user, so FC credits can be allocated among the ports as
needed. Not only does this prevent wasted buffers and
inappropriate buffer assignments, any unallocated buffers
remain in the common buffer pool and can then be used
for faster FC credit updates.
visionPAK
™
Another PLX exclusive, visionPAK is a debug diagnostics
suite of integrated hardware and software instruments that
users can use to help bring their systems to market faster.
visionPAK features consist of Performance Monitoring,
SerDes Eye Capture, Error Injection, SerDes Loopback,
and more.
Performance Monitoring
The PEX 8724’s real time performance monitoring allows
users to literally “see” ingress and egress performance on
each port as traffic passes through the switch using PLX’s
Software Development Kit (SDK). The monitoring is
completely passive and therefore has no affect on overall
system performance. Internal counters provide extensive
granularity down to traffic & packet type and even allows
for the filtering of traffic (i.e. count only Memory Writes).
SerDes Eye Capture
Users can evaluate their system’s signal integrity at the
physical layer using the PEX 8724’s SerDes Eye Capture
feature. Using PLX’s SDK, users can view the receiver
eye of any lane on the switch. Users can then modify
SerDes settings and see the impact on the receiver eye.
Figure 5 shows a screenshot of the SerDes Eye Capture
feature in the SDK.
Figure 5. SerDes Eye Capture
PCIe Packet Generator
The PEX 8724 features a full-fledged PCIe Packet
Generator capable of creating programmable PCIe
traffic running at up to Gen 3 speeds and capable of
saturating a x16 link. Using PLX’s Software
Development Kit (www.plxtech.com/sdk), designers
can create custom traffic scripts for system bring-up
and debug. Fully integrated into the PEX 8724, the
Packet Generator proves to be a very convenient on-
chip debug tool. Furthermore, the Packet Generator
can be used to create PCIe traffic to test and debug
other devices on the system.
© PLX Technology, www.plxtech.com
Page 3 of 5
10/7/2010, Version 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com