Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20WS-E3-08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV20WS-E3-08
Description  Small Signal Switching Diodes, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV20WS-E3-08 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV20WS-E3-08 Datasheet HTML 1Page - Vishay Siliconix BAV20WS-E3-08 Datasheet HTML 2Page - Vishay Siliconix BAV20WS-E3-08 Datasheet HTML 3Page - Vishay Siliconix BAV20WS-E3-08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19WS, BAV20WS, BAV21WS
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 12-Jul-17
1
Document Number: 85726
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diodes, High Voltage
DESIGN SUPPORT TOOLS click logo to get started
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.3 mg
Packaging codes / options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• Silicon epitaxial planar diodes
• For general purpose
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101
qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that leads are kept at ambient temperature
Available
Models
PARTS TABLE
PART
TYPE
DIFFERENTIATION
ORDERING CODE
TYPE MARKING
CIRCUIT
CONFIGURATION
REMARKS
BAV19WS
VR = 100 V
BAV19WS-E3-08 or BAV19WS-E3-18
BAV19WS-HE3-08 or BAV19WS-HE3-18
A8
Single
Tape and reel
BAV20WS
VR = 150 V
BAV20WS-E3-08 or BAV20WS-E3-18
BAV20WS-HE3-08 or BAV20WS-HE3-18
A9
Single
Tape and reel
BAV21WS
VR = 200 V
BAV21WS-E3-08 or BAV21WS-E3-18
BAV21WS-HE3-08 or BAV21WS-HE3-18
AA
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Continuous reverse voltage
BAV19WS
VR
100
V
BAV20WS
VR
150
V
BAV21WS
VR
200
V
Repetitive peak reverse voltage
BAV19WS
VRRM
120
V
BAV20WS
VRRM
200
V
BAV21WS
VRRM
250
V
Forward continuous current (1)
IF
250
mA
Rectified current (average) half wave
rectification with resistive load (1)
IF(AV)
200
mA
Repetitive peak forward current (1)
f
≥ 50 Hz, θ = 180°
IFRM
625
mA
Surge forward current
t < 1 s, TJ = 25 °C
IFSM
1A
Power dissipation
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
RthJA
625
K/W
Thermal resistance junction to lead
RthJL
450
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating temperature range
Top
-55 to +150
°C


Similar Part No. - BAV20WS-E3-08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV20WS-7 DIODES-BAV20WS-7 Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
BAV20WS-7-F DIODES-BAV20WS-7-F Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
BAV20WS-7-F DIODES-BAV20WS-7-F Datasheet
79Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
BAV20WS-7-F DIODES-BAV20WS-7-F Datasheet
182Kb / 5P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 18
logo
Goodwork Semiconductor ...
BAV20WS-CAR GWSEMI-BAV20WS-CAR Datasheet
209Kb / 3P
SWITCHING DIODE
More results

Similar Description - BAV20WS-E3-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS19-V VISHAY-BAS19-V Datasheet
116Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
Small Signal Switching Diodes, High Voltage
07-Mar-06
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
Small Signal Switching Diodes, High Voltage
26-Nov-10
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
Small Signal Switching Diodes, High Voltage
13-May-13
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
Small Signal Switching Diodes, High Voltage
13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
Small Signal Switching Diodes, High Voltage
22-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com