Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V804 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V804
Description  CCD 4CH Vertical Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V804 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V804 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
D.C. Characteristics
VH=15V, VL=
-9V, VME=0V, Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Logic Supply Voltage
¾
3.0
3.3
5.5
V
VH
Supply Voltage
¾
14.5
15
15.5
V
VL
Supply Voltage
¾-9.5
-8.5
-7.5
V
VIH
High Level Input Voltage
¾
2.3
¾¾
V
VIL
Low Level Input Voltage
¾¾
¾
1.2
V
IVH
Operating Current
Shutter speed=100kHz
¾
2.0
3.5
mA
IVL
¾
4.5
5.0
mA
IVME
¾-6.5
¾
mA
IOL
Output Current
V1A, V2, V3A, V4=
-9.0V
¾
37
¾
mA
IOM1
V1A, V2, V3A, V4=
-0.5V
¾-15
-10
mA
IOM2
V1A, V3A=0.5V
¾
13.5
¾
mA
IOH
V1A, V3A=14.5V
¾-18
-12
mA
IOSL
OFDX=
-8.0V
¾
18
¾
mA
IOSH
OFDX=14.5V
¾-10.5
-7
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLM
Delay Time
VH=15V, VL=
-8.5V, VME=0V
¾
40
80
ns
tPMH
VH=15V, VL=
-8.5V, VME=0V
¾
30
80
ns
tPLH
VH=15V, VL=
-8.5V, VME=0V
¾
40
120
ns
tPML
VH=15V, VL=
-8.5V, VME=0V
¾
100
240
ns
tPHM
VH=15V, VL=
-8.5V, VME=0V
¾
100
210
ns
tPHL
VH=15V, VL=
-8.5V, VME=0V
¾
60
120
ns
tTLM
Rising Time
VH=15V, VL=
-8.5V, VME=0V
¾
700
1110
ns
tTMH
VH=15V, VL=
-8.5V, VME=0V
¾
650
1110
ns
tTLH
VH=15V, VL=
-8.5V, VME=0V
¾
50
120
ns
tTML
VH=15V, VL=
-8.5V, VME=0V
¾
300
600
ns
tTHM
VH=15V, VL=
-8.5V, VME=0V
¾
600
980
ns
tTHL
VH=15V, VL=
-8.5V, VME=0V
¾
50
120
ns
HT82V804
Rev. 1.00
3
April 15, 2004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com