Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1802 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 13Page - Texas Instruments CDCM1802 Datasheet HTML 14Page - Texas Instruments CDCM1802 Datasheet HTML 15Page - Texas Instruments CDCM1802 Datasheet HTML 16Page - Texas Instruments CDCM1802 Datasheet HTML 17Page - Texas Instruments CDCM1802 Datasheet HTML 18Page - Texas Instruments CDCM1802 Datasheet HTML 19Page - Texas Instruments CDCM1802 Datasheet HTML 20Page - Texas Instruments CDCM1802 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
enabling a single output stage
If a single output stage becomes enabled:
1. Y0 will either be low or high (undefined).
2. Y0 will be the inverted signal of Y0.
With the first positive clock transition, the undivided output becomes the input clock state. If a divide mode is
used, the divided output states are equal to the actual internal divider. The internal divider does not get a reset
while enabling single output drivers.
High-Z
ENABLE Yx:
IN
Yx:/1
High-Z
Yx:/x
Undefined
Enabled
Disabled
Divider State
Undivided State is Valid After the First
Positive Transition of the Input Clock
Undefined
Figure 17. Signal State After an Output Driver Becomes Enabled While IN = 0
High-Z
ENABLE Yx:
IN
Yx:/1
Undefined
High-Z
Yx:/x
Undefined
Divider State
Enabled
Disabled
Undivided State is Valid After the First
Positive Transition of the Input Clock
Figure 18. Signal State After an Output Driver Becomes Enabled While IN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com