Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07210 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07210
Description  SAW Filter 240.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07210 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07210 Datasheet HTML 1Page - Golledge Electronics Ltd MA07210 Datasheet HTML 2Page - Golledge Electronics Ltd MA07210 Datasheet HTML 3Page - Golledge Electronics Ltd MA07210 Datasheet HTML 4Page - Golledge Electronics Ltd MA07210 Datasheet HTML 5Page - Golledge Electronics Ltd MA07210 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 240.0MHz
Model: TB0309A
Part No: MA07210
Rev. No: 3
TB0309A v3
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Operating Temperature: -20°C ~ +60°C
2. Storage Temperature: -40°C ~ +85°C
3. Input Power Level: 15dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Min.
Typ.
Max
Note
Center frequency Fc MHz
239.9
240.0
240.1
-
Minimum Insertion loss IL dB
-
9.1
10
-
3dB Bandwidth kHz
1000
1450
-
Passband Ripple (Fc ± 0.2MHz) dB
-
0.2
1
-
Group Delay Ripple (Fc ± 0.2MHz) nS
-
60
200
-
Attenuation: (Reference level from minimum insertion loss)
Fc ± 1.0MHz dB
5
7.5
-
-
Fc ± 1.75 ~ 2.5MHz dB
30
34
-
-
Fc ± 2.5 ~ 3.5MHz dB
38
50
-
-
Fc ± 3.50 ~ 50.0MHz dB
36
40
-
-


Similar Part No. - MA07210

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07241 GOLLEDGE-MA07241 Datasheet
116Kb / 4P
SAW Filter 460.0MHz
MA07242 GOLLEDGE-MA07242 Datasheet
115Kb / 4P
SAW Filter 480.0MHz
More results

Similar Description - MA07210

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07934 GOLLEDGE-MA07934 Datasheet
208Kb / 5P
240.0MHz SAW Filter
MP01703 GOLLEDGE-MP01703 Datasheet
136Kb / 5P
240.0MHz SAW Filter
MP05570 GOLLEDGE-MP05570 Datasheet
139Kb / 5P
SAW Filter: 240.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com