Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07904 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07904
Description  SAW Filter 35.46MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07904 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07904 Datasheet HTML 1Page - Golledge Electronics Ltd MA07904 Datasheet HTML 2Page - Golledge Electronics Ltd MA07904 Datasheet HTML 3Page - Golledge Electronics Ltd MA07904 Datasheet HTML 4Page - Golledge Electronics Ltd MA07904 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 35.46MHz
Model: TB0386A
Part No: MA07904
Rev No: 1
TB0386A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C ~ +85°C
2. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
35.46
-
-
Maximum Insertion loss IL dB
-
17.4
20.0
-
1dB Bandwidth MHz
-
8.82
21dB Bandwidth MHz
-
10.8
11.4
30dB Bandwidth MHz
-
11.4
12.0
Passband Ripple (Fc ± 4MHz) dB
-
0.9
1.6
-
Group Delay Ripple (Fc ± 4MHz) nS
-
180
300
-
Temp Coefficient ppm/°C
-87
Attenuation: (Reference level from minimum insertion loss)
1. DC ~ 28MHz dB
35
50
-
-
2. 28MHz ~ 29.46MHz dB
30
46
-
-
3. 29.46MHz ~ 29.72MHz dB
21
51
4. 41.46MHz ~ 45.00MHz dB
15
29
5. 45MHz ~ 50MHz dB
35
40
6. 50MHz ~ 110MHz dB
15
26


Similar Part No. - MA07904

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07913 GOLLEDGE-MA07913 Datasheet
168Kb / 4P
SAW Filter 190.0MHz
MA07934 GOLLEDGE-MA07934 Datasheet
208Kb / 5P
240.0MHz SAW Filter
MA07956 GOLLEDGE-MA07956 Datasheet
162Kb / 5P
SAW Filter 815.50MHz
MA07972 GOLLEDGE-MA07972 Datasheet
266Kb / 5P
SAW Filter 713.0MHz
MA07973 GOLLEDGE-MA07973 Datasheet
194Kb / 5P
SAW Filter 743.0MHz
More results

Similar Description - MA07904

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com