Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5535R Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5535R
Description  DualChannel 300mALowDropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5535R Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5535R Datasheet HTML 1Page - Anpec Electronics Coropration APL5535R Datasheet HTML 2Page - Anpec Electronics Coropration APL5535R Datasheet HTML 3Page - Anpec Electronics Coropration APL5535R Datasheet HTML 4Page - Anpec Electronics Coropration APL5535R Datasheet HTML 5Page - Anpec Electronics Coropration APL5535R Datasheet HTML 6Page - Anpec Electronics Coropration APL5535R Datasheet HTML 7Page - Anpec Electronics Coropration APL5535R Datasheet HTML 8Page - Anpec Electronics Coropration APL5535R Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct, 2015
www.anpec.com.tw
4
APL5535R
Typical Operating Characteristics
Output Voltage vs. Temperature
Temperature (
oC)
3.2
3.24
VOUT1
3.28
3.32
3.36
3.4
-50 -30 -10
10
30
50
70
90 110 130
Output Voltage vs. Temperature
Temperature (
oC)
-50 -30 -10
10
30
50
70
90 110 130
VOUT2
1.7
1.74
1.78
1.82
1.86
1.9
Quiescent Current vs. Temperature
Temperature (
oC)
-50 -30 -10
10
30
50
70
90 110
55
60
65
70
75
80
130
VIN=VEN=4.2V
Dropout Voltage vs. Output Current
Output Current (mA)
0
50
100
150
200
250
300
0
50
100
150
200
300
TJ=25
oC
TJ=-40
oC
TJ=125
oC
250
PSRR vs. Frequency
Frequency (Hz)
10 20
200
1k
10k
200k
-80
-60
-40
-20
0
IOUT=50mA
Noise
Time (sec)
0
10
20
40
50
0
20m
40m
60m
80m
100m
30
IOUT=50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com