Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG200AAA/883 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG200AAA/883
Description  Monolithic Dual SPST CMOS Analog Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG200AAA/883 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG200AAA/883 Datasheet HTML 1Page - Vishay Siliconix DG200AAA/883 Datasheet HTML 2Page - Vishay Siliconix DG200AAA/883 Datasheet HTML 3Page - Vishay Siliconix DG200AAA/883 Datasheet HTML 4Page - Vishay Siliconix DG200AAA/883 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DG200A_MIL
Vishay Siliconix
www.vishay.com
4-2
Document Number: 70035
S-02314—Rev. E, 05-Oct-00
ORDERING INFORMATION
Temp Range
Package
Part Number
DG200AAK
14-Pin CerDIP
DG200AAK/883, JM38510/12301BCA,
5962-9562901QCA
–55 to 125
_C
DG200AAA
10-Pin Metal Can
DG200AAA/883, JM38510/12301BIC
14-Pin Sidebraze
JM38510/12301BCC
ABSOLUTE MAXIMUM RATINGS
V+ to V–
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND to V–
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2 V or
. . . . . . . . . . . . . . . . . . . . . . . .
30 mA, whichever occurs first
Current (Any Terminal) Continuous
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current S or D
(Pulsed at 1 ms, 10% Duty Cycle Max)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)b
10-Pin Metal Canc
450 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14-Pin CerDIPd
825 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6 mW/
_C above 75_C
d.
Derate 11 mW/
_C above 75_C
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
V+
INX
V–
GND
–
+
S
D
V–
V+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com