Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC160BT-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # 25LC160BT-E/ST
Description  16K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC160BT-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button 25LC160BT-E/ST Datasheet HTML 9Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 10Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 11Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 12Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 13Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 14Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 15Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 16Page - Microchip Technology 25LC160BT-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2003 Microchip Technology Inc.
DS21807B-page 13
25XX160A/B
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
However, a programming cycle which is already initi-
ated or in progress will be completed, regardless of the
CS input signal. If CS is brought high during a program
cycle, the device will go into Standby mode as soon as
the programming cycle is complete. When the device is
deselected, SO goes to the high-impedance state,
allowing multiple parts to share the same SPI bus. A
low-to-high transition on CS after a valid write
sequence initiates an internal write cycle. After power-
up, a low level on CS is required prior to any sequence
being initiated.
3.2
Serial Output (SO)
The SO pin is used to transfer data out of the
25XX160A/B. During a read cycle, data is shifted out
on this pin after the falling edge of the serial clock.
3.3
Write-Protect (WP)
This pin is used in conjunction with the WPEN bit in the
Status Register to prohibit writes to the nonvolatile bits
in the Status Register. When WP is low and WPEN is
high, writing to the nonvolatile bits in the Status
Register is disabled. All other operations function
normally. When WP is high, all functions, including
writes to the nonvolatile bits in the Status Register
operate normally. If the WPEN bit is set, WP low during
a Status Register write sequence will disable writing to
the Status Register. If an internal write cycle has
already begun, WP going low will have no effect on the
write.
The WP pin function is blocked when the WPEN bit in
the Status Register is low. This allows the user to install
the 25XX160A/B in a system with WP pin grounded
and still be able to write to the Status Register. The WP
pin functions will be enabled when the WPEN bit is set
high.
3.4
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses and data. Data is
latched on the rising edge of the serial clock.
3.5
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a master and the 25XX160A/B. Instructions,
addresses or data present on the SI pin are latched on
the rising edge of the clock input, while data on the SO
pin is updated after the falling edge of the clock input.
3.6
Hold (HOLD)
The HOLD pin is used to suspend transmission to the
25XX160A/B while in the middle of a serial sequence
without having to retransmit the entire sequence again.
It must be held high any time this function is not being
used. Once the device is selected and a serial
sequence is underway, the HOLD pin may be pulled
low to pause further serial communication without
resetting the serial sequence. The HOLD pin must be
brought low while SCK is low, otherwise the HOLD
function will not be invoked until the next SCK high-to-
low transition. The 25XX160A/B must remain selected
during this sequence. The SI, SCK and SO pins are in
a high impedance state during the time the device is
paused and transitions on these pins will be ignored. To
resume serial communication, HOLD must be brought
high while the SCK pin is low, otherwise serial
communication will not resume. Lowering the HOLD
line at any time will tri-state the SO line.
Name
Pin Number
Function
CS
1
Chip Select Input
SO
2
Serial Data Output
WP
3
Write-Protect Pin
V
SS
4
Ground
SI
5
Serial Data Input
SCK
6
Serial Clock Input
HOLD
7
Hold Input
V
CC
8
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com