Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDCC1602B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FDCC1602B
Description  LCD MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FDCC1602B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDCC1602B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURE
1. 5X8 dots with cursor
3. +5V power supply (Also available for +3.0V)
4. 1/16 duty cycle
5. BKL to be driven by pin1,pin2,or pin15,pin16 or A,K
6. N.V. Optional
FDCC1602B
ITEM
POWER SUPPLY (LOGIC)
POWER SUPPLY (LCD)
INPUT VOLTAGE
SYMBOL
Vdd
V0
Vin
MIN
-0.3
Vdd -13.5
-0.3
MAX
7.0
Vdd +0.3
Vdd +0.3
UNIT
V
V
V
ABSOLUTE MAXIMUM RATINGS
Supply current
Recommended
LCD driving voltage
fornormaltemp
version module
LED forward voltage
LED forward current
Input voltage
EL power supply
current
ITEM
SYMBOL CONDITION
STANDARD
UNIT
MIN
TYP
MAX
Vdd
+5V
4.7
5.0
5.5
V
+3.3V
2.7
3.0
V
Vdd=5V
---
1.5
4.0
mA
----
---
---
mA
Idd
Vdd-V0
VF
IF
EL
ELECTRONICAL CHARACTERISTICS
V
=110V
AC 400Hz
EL
V
4.7
4.3
4.1
5.0
4.5
4.3
5.5
4.7
4.5
0
25
50
25
C
C
C
C
C
25
4.2
120
4.6
---
---
---
mA
V
MECHANICAL SPECIFICATIONS
CHARACTER NUMBER
OVERALL SIZE
VIEWING AREA
HOLE - HOLE
16W X 2H
85.00W X 36.00H
63.00W X 16.40H
80.00W X 31.00H
CHARACTER SIZE
CHARACTER PITCH
DOT SIZE
DOT PITCH
3.00W X 5.23H
0.51W X 0.52H
0.56W X 0.61H
mm
mm
mm
mm
mm
mm
mm
0.05W X 0.05H
PIN ASSIGNMENT
PIN ASSIGNMENT
PIN
1
2
3
4
5
6
7-14
15(A)
16(K)
SYMBOL
Vss
Vdd
V0
RS
R/W
E
DB0-DB7
LED+
LED-
FUNCTION
GND
Power Supply
Contrast Adjust
Register Select Signal
Data Read/Write
Enable Signal
Data Bus Line
Power supply for BKL(+)
Power supply for BKL(-)
FORDATA ELECTRONIC CO.,LTD
PROFESSIONAL LCD SUPPLIER FROM CHINA
DISPLAY CHARACTER ADDRESS CODE
DISPLAY CHARACTER ADDRESS CODE
DBO
7
DB
:
E
R/W
RS
Vss
Vdd
V0
A
K
CONTROLLER
COM 16
SEG 40
LCD PANEL
LED BACK LIGHT
SEG 40
DRIVER
1 2 345678910111213141516
DDRAM address 00 01 02 -- -- -- -- --
0F
DDRAM address 40 41 42 -- -- -- -- --
4F
Display position
3.3
T1
()
T2 MAX
1.6
1
2
15
16
85 0.5 O.S.
80 0.2 H.H.
63.0 0.1 V.A.
71.3 0.2
56.21 0.2
01.0 16PL
02.5 4PL
2.54
2.50
45.0 0.3
A
K
0.05
3.51
3.00
0.56
9.6
14.5
ITEM
T2
T1
LED backlight
EL / without backlight
4.6
9.5
2. Built- in controller (SPLC780D or Equivalent)


Similar Part No. - FDCC1602B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDCC1602N-FLYYBW-91LE ETC2-FDCC1602N-FLYYBW-91LE Datasheet
985Kb / 22P
CHARACTER TYPE DOT MATRIX LCD MODULE
FDCC1602P ETC-FDCC1602P Datasheet
45Kb / 1P
LCD SUPPLIER FROM CHINA
More results

Similar Description - FDCC1602B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com