Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV7710/WAF Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV7710/WAF
Description  Vacuum Fluorescent Display (VFD) Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710/WAF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV7710/WAF Datasheet HTML 9Page - STMicroelectronics STV7710/WAF Datasheet HTML 10Page - STMicroelectronics STV7710/WAF Datasheet HTML 11Page - STMicroelectronics STV7710/WAF Datasheet HTML 12Page - STMicroelectronics STV7710/WAF Datasheet HTML 13Page - STMicroelectronics STV7710/WAF Datasheet HTML 14Page - STMicroelectronics STV7710/WAF Datasheet HTML 15Page - STMicroelectronics STV7710/WAF Datasheet HTML 16Page - STMicroelectronics STV7710/WAF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
STV7710/WAF
AC TIMING REQUIREMENTS
7
AC TIMING REQUIREMENTS
(Vcc = 4.5v to 5.5v, Tamb = -20 to +85°C, input signals max leading edge & trailing edge
(tr, tf) = 5ns)
Symbol
Parameter
Min
Typ
Max
Unit
tCLK
Data clock period
25
-
-
ns
tWHCLK
Duration of CLK pulse at high level
10
-
-
ns
tWLCLK
Duration of CLK pulse at low level
10
-
-
ns
tSDAT
Set-up time of data input before low to high clock
transition
5-
-
ns
tHDAT
Hold-time of data input after low to high clock
transition
5-
-
ns
tHSTB
Hold-time of
STB after low to high clock transition
5-
-
ns
tSTB
STB low level pulse duration
10
-
-
ns
tSSTB
STB set-up time before CLK rise
5-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com