Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC01-CS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AC01-CS
Description  Axial Cemented Fusible Leaded Wirewound Safety Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC01-CS Datasheet(HTML) 1 Page - Vishay Siliconix

  AC01-CS Datasheet HTML 1Page - Vishay Siliconix AC01-CS Datasheet HTML 2Page - Vishay Siliconix AC01-CS Datasheet HTML 3Page - Vishay Siliconix AC01-CS Datasheet HTML 4Page - Vishay Siliconix AC01-CS Datasheet HTML 5Page - Vishay Siliconix AC01-CS Datasheet HTML 6Page - Vishay Siliconix AC01-CS Datasheet HTML 7Page - Vishay Siliconix AC01-CS Datasheet HTML 8Page - Vishay Siliconix AC01-CS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AC01-CS, AC03-CS, AC05-CS
www.vishay.com
Vishay Draloric
Revision: 11-Jul-2018
1
Document Number: 28909
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial Cemented Fusible Leaded Wirewound Safety Resistors
DESIGN SUPPORT TOOLS
ACxx-CS wirewound safety resistor series is designed to be
used as fusible safety resistor (or, AC mains input resistors).
The resistor fuses “without a bang” when AC mains voltage
is applied. At the same time, it acts as an in-rush current
limiting resistor for the normal operation. The specially
developed lacquer coating has superior thermal and
electrical insulating properties. This allows designers to
more easily meet the requirements of safety approval, whilst
eliminating the need to put additional fuses in series with the
input resistor.
FEATURES
• UL1412 recognized; UL file no. E362452
• Surge voltage handling capability (up to 6 kV)
(1.2 / 50 μs pulse in IEC 61000-4-5)
• Silent and safe fusing
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Energy meters
• LED drivers
• White goods
• Power supplies
Note
(1)
Resistance value to be selected for ± 5 % from E24 series
click logo to get started
Available
Models
STANDARD ELECTRICAL SPECIFICATIONS
TYPE
POWER
RATING
P40
POWER
RATING
P70
LIMITING
VOLTAGE
Umax.
V
RESISTANCE
RANGE (1)
TOLERANCE
TEMPERATURE
COEFFICIENT
AC01-CS
1.1 W
1 W
3
 to 100 
± 5 %
± 200 ppm/K
AC03-CS
3 W
2.5 W
4.7
 to 100 
± 5 %
± 200 ppm/K
AC05-CS
5 W
4.5 W
10
 to 100 
± 5 %
± 200 ppm/K
TECHNICAL SPECIFICATIONS
DESCRIPTION
AC01-CS
AC03-CS
AC05-CS
Operating temperature range
-40 °C to 200 °C
Max. resistance change for 116 % of P70,
R max., after 1000 h:
± (5 % R + 0.1
)
P
x R
P
x R
P
x R


Similar Part No. - AC01-CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC01-CS VISHAY-AC01-CS Datasheet
157Kb / 9P
Axial Cemented Fusible Wirewound Safety Resistors
12-Jul-16
More results

Similar Description - AC01-CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC03 VISHAY-AC03 Datasheet
94Kb / 4P
Axial Cemented Wirewound Safety Resistor
24-May-12
Z300 VISHAY-Z300_15 Datasheet
188Kb / 5P
Axial Cemented Wirewound Resistors
24-Feb-14
AC01-CS VISHAY-AC01-CS Datasheet
157Kb / 9P
Axial Cemented Fusible Wirewound Safety Resistors
12-Jul-16
AC-AT VISHAY-AC-AT Datasheet
204Kb / 12P
Cemented Leaded Wirewound Resistors
14-Mar-17
Z302BV20327 VISHAY-Z302BV20327 Datasheet
92Kb / 3P
Axial Cemented, Fusible, Wirewound Resistors
21-Sep-12
Z300-CXX VISHAY-Z300-CXX Datasheet
153Kb / 7P
High Surge Axial Cemented Leaded Wirewound Resistors
14-Mar-2019
Z300-C00 VISHAY-Z300-C00 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
Z300 VISHAY-Z300 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
Cemented Leaded Wirewound Resistors
07-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com