Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AY2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 1 Page - Vishay Siliconix

  AY2 Datasheet HTML 1Page - Vishay Siliconix AY2 Datasheet HTML 2Page - Vishay Siliconix AY2 Datasheet HTML 3Page - Vishay Siliconix AY2 Datasheet HTML 4Page - Vishay Siliconix AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 29-Mar-18
1
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Grade AC Line Rated Ceramic Disc Capacitors
Class X1, 440 VAC, Class Y2, 300 VAC
DESIGN SUPPORT TOOLS
OPERATING TEMPERATURE RANGE
-55 °C to +125 °C
TEMPERATURE CHARACTERISTICS
Class 1: N750 (U2J)
Class 2: Y5S, Y5U
SECTIONAL SPECIFICATIONS
Climatic category (according to EN 60058-1)
Class 1 and class 2: 40/125/21
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
APPROVALS
IEC 60384-14.4
UL 60384-14
DIN EN 60384-14
CSA E60384-1:03, CSA E60384-14:09
PACKAGING
Bulk, tape and reel, taped ammopack
FEATURES
• AEC-Q200 qualified
• Withstands 85 / 85 / 1000 h test
• Can pass 3000 temperature cycles
(from -55 °C to +125 °C)
• Complying with IEC 60384-14 4th edition
• High reliability
• Vertical (inline) kinked or straight leads
• Singlelayer AC disc safety capacitors
• PPAP (AIAG version) is available
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• X1, Y2 according to IEC 60384-14.4
• Application as Y capacitors for AC line filter and
primary-secondary coupling on battery chargers for
PHEV/EV
• Application as filter capacitors on DC/DC converters for
PHEV/EV and HEV
DESIGN
The capacitor consists of a ceramic disc which is silver
plated on both sides. Connection leads are made of tin
plated copper-clad steel having a diameter of 0.6 mm.
The capacitors may be supplied with straight or kinked
leads having a lead spacing of 5 mm, 7.5 mm, or 10.0 mm.
Encapsulation is made of flame retardant epoxy resin in
accordance with UL 94 V-0.
CAPACITANCE RANGE
10 pF to 4700 pF
RATED VOLTAGE UR
IEC 60384-14.4:
(X1): 440 VAC, 50 Hz
(Y2): 300 VAC, 50 Hz
1000 VDC
TEST VOLTAGE
Component test (100 %):
2600 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
2600 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test):
2600 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
 10 000 M
CAPACITANCE TOLERANCE
± 20 % (code M); ± 10 % (code K)
DISSIPATION FACTOR
Class 1: max. 0.3 % (1 MHz)
Class 2: max. 2.5 % (1 kHz)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
U2J
U2J
Y5S, Y5U
Y5S, Y5U
Voltage (VAC)
300
440
300
440
Min. Capacitance (pF)
10
68
Max. Capacitance (pF)
47
4700
Mounting
Radial
click logo to get started
Available
Models


Similar Part No. - AY2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AY2 VISHAY-AY2 Datasheet
365Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
06-Oct-16
logo
List of Unclassifed Man...
AY2202S ETC2-AY2202S Datasheet
201Kb / 1P
SINGLE COLOR LED
AY2222S ETC2-AY2222S Datasheet
201Kb / 1P
SINGLE COLOR LED
logo
Panasonic Semiconductor
AY231501 PANASONIC-AY231501 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
AY231502 PANASONIC-AY231502 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
More results

Similar Description - AY2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
AY2 VISHAY-AY2 Datasheet
365Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
06-Oct-16
VKO VISHAY-VKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
22-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com