Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1772SX2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F1772SX2
Description  Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772SX2 Datasheet(HTML) 2 Page - Vishay Siliconix

  F1772SX2 Datasheet HTML 1Page - Vishay Siliconix F1772SX2 Datasheet HTML 2Page - Vishay Siliconix F1772SX2 Datasheet HTML 3Page - Vishay Siliconix F1772SX2 Datasheet HTML 4Page - Vishay Siliconix F1772SX2 Datasheet HTML 5Page - Vishay Siliconix F1772SX2 Datasheet HTML 6Page - Vishay Siliconix F1772SX2 Datasheet HTML 7Page - Vishay Siliconix F1772SX2 Datasheet HTML 8Page - Vishay Siliconix F1772SX2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
F1772S X2
www.vishay.com
Vishay Roederstein
Revision: 26-Feb-18
2
Document Number: 26062
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Notes
• For detailed tape specifications refer to packaging information www.vishay.com/doc?28139
(1) Packaging will be bulk for all capacitors with pitch
 15 mm and such with long leads (> 5 mm).
Capacitors with short leads up to 5 mm and pitch > 15 mm will be in tray and asking code will be “T”.
0.1
2
13
10
4
100
5
1000
6
10 000
7
0 = Standard
Other = Special
31 = 310 V
AC
1 2 3 4 5 6
7 8
9
10 11
12 13
14
15
16
17
18
F 1 7 7 2 S
X 2
4
1
0
3
1
MFM
B
0
± 20 %
± 10 %
M
K
A
Special
tolerance
3.5 ± 0.3
P
≥ 15
5 ± 1
M
All
25 ± 2
I
All
0: Space holder
MULTIPLIER (nF)
15
F
22.5
I
27.5
K
P
1 (mm)
PITCH CODE
CAPACITANCE CODE
(numerically)
Example:
310
10 nF
0.01 μF
410
100 nF
0.1 μF
510
1000 nF
1.0 μF
VOLTAGE
CLASS
TYPE
SPECIAL
TOLERANCE
B/T
Bulk/loose
(1)
W
Tape and reel (H: 18.5 mm; 500 mm)
PACKING CODE
PACKING STYLE
l
t (mm)
LEAD LENGTH CODE
PITCH (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com