Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP77430 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP77430
Description  IR Receiver Modules for Remote Control Systems
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP77430 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP77430 Datasheet HTML 1Page - Vishay Siliconix TSOP77430 Datasheet HTML 2Page - Vishay Siliconix TSOP77430 Datasheet HTML 3Page - Vishay Siliconix TSOP77430 Datasheet HTML 4Page - Vishay Siliconix TSOP77430 Datasheet HTML 5Page - Vishay Siliconix TSOP77430 Datasheet HTML 6Page - Vishay Siliconix TSOP77430 Datasheet HTML 7Page - Vishay Siliconix TSOP77430 Datasheet HTML 8Page - Vishay Siliconix TSOP77430 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TSOP772.., TSOP774..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 26-Apr-2018
1
Document Number: 82471
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
DESIGN SUPPORT TOOLS
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
ORDERING CODE
Taping:
TSOP77...TT - top view taped
TSOP77...TR - side view taped
FEATURES
• Improved immunity against HF and RF noise
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against optical noise
• Capable of side or top view
• Insensitive to supply voltage ripple and noise
• Two lenses for high sensitivity and wide
receiving angle
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP77... series are miniaturized SMD IR receiver
modules for infrared remote control systems. Two PIN
diodes and a preamplifier are assembled on a leadframe,
the epoxy package contains an IR filter. The demodulated
output signal can be directly connected to a microprocessor
for decoding.
The TSOP774.. series devices are optimized to suppress
almost all spurious pulses from Wi-Fi and CFL sources.
They may suppress some data signals if continuously
transmitted.
The TSOP772.. series devices are provided primarily for
compatibility with old AGC2 designs. New designs should
prefer the TSOP774.. series containing the newer AGC4.
These components have not been qualified according to
automotive specifications.
1
2
3
4
20953
1
2
3
4
20953
click logo to get started
Available
Models
PARTS TABLE
AGC
LEGACY, FOR
LONG BURST REMOTE CONTROLS (AGC2)
RECOMMENDED FOR
LONG BURST CODES (AGC4)
Carrier
frequency
30 kHz
TSOP77230
TSOP77430
33 kHz
TSOP77233
TSOP77433
36 kHz
TSOP77236
TSOP77436 (1)(2)(3)
38 kHz
TSOP77238
TSOP77438 (4)(5)
40 kHz
TSOP77240
TSOP77440
56 kHz
TSOP77256
TSOP77456 (6)(7)
Package
Heimdall
Pinning
1, 4 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
6.8 W x 3.0 H x 3.2 D
Mounting
SMD
Application
Remote control
Best choice for
(1) RC-5 (2) RC-6 (3) Panasonic (4) NEC (5) Sharp (6) r-step (7) Thomson RCA


Similar Part No. - TSOP77430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP77430W VISHAY-TSOP77430W Datasheet
336Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Sep-17
More results

Similar Description - TSOP77430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com