Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2309M-1HT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS2309M-1HT
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2309M-1HT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS2309M-1HT Datasheet HTML 1Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 2Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 3Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 4Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 5Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 6Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 7Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 8Page - Integrated Circuit Systems ICS2309M-1HT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MDS 2309 D
3
Revision 052405
In te gr ated Circuit Systems
● 5 25 Race Stree t, San Jose, CA 951 26 ● te l (40 8) 2 97-12 01 ● www.icst.com
ICS2309
External Components
The ICS2309 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01 mF should be connected between VDD and GND on pins 4 and 5, and VDD and GND
on pins 13 and 12, as close to the device as possible. A series termination resistor of 33
Ω may be used to
each clock output pin to reduce reflections.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS2309. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
CLKIN and FBIN inputs
-0.5 V to 5.5 V
Electrostatic Discharge (HBM)
2000 V
Ambient Operating Temperature (Commercial)
0 to +70
°C
Ambient Operating Temperature (Industrial)
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
150
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (Industrial)
-40
+85
°C
Ambient Operating Temperature (Commercial)
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com