Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR033FS0500Z Datasheet(PDF) 21 Page - Littelfuse

Part # PSR033FS0500Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0500Z Datasheet(HTML) 21 Page - Littelfuse

Back Button PSR033FS0500Z Datasheet HTML 17Page - Littelfuse PSR033FS0500Z Datasheet HTML 18Page - Littelfuse PSR033FS0500Z Datasheet HTML 19Page - Littelfuse PSR033FS0500Z Datasheet HTML 20Page - Littelfuse PSR033FS0500Z Datasheet HTML 21Page - Littelfuse PSR033FS0500Z Datasheet HTML 22Page - Littelfuse PSR033FS0500Z Datasheet HTML 23Page - Littelfuse PSR033FS0500Z Datasheet HTML 24Page - Littelfuse PSR033FS0500Z Datasheet HTML 25Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
21 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
Time Current Curve (73 Case Size)
- THIS DATA IS GENERATED IN EXCEL -
100
90
80
70
60
50
40
30
20
109
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0.0009
0.0008
0.0007
0.0006
0.0005
0.0004
0.0003
0.0002
0.0001
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
10.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0.0009
0.0008
0.0007
0.0006
0.0005
0.0004
0.0003
0.0002
0.0001
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
2 OF 2
FCC01-PSR73
PSR073 315A - 700A
LLL
04/13/2018
A
PROSPECTIVE R.M.S CURRENT IN AMPERE
- 700A
- 630A
- 550A
- 500A
- 450A
- 400A
- 350A
- 315A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com