Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03072 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03072
Description  SAW Filter 140MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03072 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03072 Datasheet HTML 1Page - Golledge Electronics Ltd MP03072 Datasheet HTML 2Page - Golledge Electronics Ltd MP03072 Datasheet HTML 3Page - Golledge Electronics Ltd MP03072 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 140MHz
Model: TB0440A
Part No: MP03072
Rev No: 1
TB0440A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -5°C ~ +85°C
2. Storage Temperature: -55°C ~ +80°C
3. Input Power Level: 10dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note.
Center frequency Fc MHz
-
140.0
-
-
Maximum Insertion loss IL dB
-
9.6
11.0
-
1dB Bandwidth MHz
18.0
23.0
-
-
3dB Bandwidth MHz
22.0
25.0
-
-
40dB Bandwidth MHz
-
33.0
60.0
-
Passband Ripple (Fc ± 9MHz) MHz
-
0.7
1.0
-
Group Delay Ripple (Fc ± 9MHz) nS
-
80
180
-
Temp Coefficient ppm/°C
-
-94
-
-
C. TEST FIXTURE:


Similar Part No. - MP03072

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03070 GOLLEDGE-MP03070 Datasheet
54Kb / 5P
SAW Filter 707MHz
MP03075 GOLLEDGE-MP03075 Datasheet
108Kb / 6P
SAW Filter 104MHz
MP03079 GOLLEDGE-MP03079 Datasheet
72Kb / 5P
SAW Filter 475MHz
More results

Similar Description - MP03072

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
140MHz SAW Filter
logo
Golledge Electronics Lt...
MP02644 GOLLEDGE-MP02644 Datasheet
126Kb / 6P
SAW Filter 140MHz
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
SAW Filter 140MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com