Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3658 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3658
Description  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3658 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3658 Datasheet HTML 1Page - National Semiconductor (TI) LM3658 Datasheet HTML 2Page - National Semiconductor (TI) LM3658 Datasheet HTML 3Page - National Semiconductor (TI) LM3658 Datasheet HTML 4Page - National Semiconductor (TI) LM3658 Datasheet HTML 5Page - National Semiconductor (TI) LM3658 Datasheet HTML 6Page - National Semiconductor (TI) LM3658 Datasheet HTML 7Page - National Semiconductor (TI) LM3658 Datasheet HTML 8Page - National Semiconductor (TI) LM3658 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics Unless otherwise noted, V
CC (VCHG_IN and/or VUSBpwr) = 5V, VBATT = 3.5V.
CCHG_IN = 1 µF, CUSBpwr = 1 µF, CBATT = 1 µF. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits
appearing in boldface type apply over T
J = 0˚C to +85˚C. (Notes 2, 6, 7) (Continued)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
CHARGER
I
CHG
CHG_IN Full Rate
Charge Current
R
ISET = 10k
Ω
245
220
270
mA
R
ISET =5k
Ω
500
465
535
R
ISET = 3.3k
Ω
760
700
820
K
ISET
Charge Current Set
Coefficient
I
CHG =KISET/RISET
(see full-rate charge
mode description)
6V
≥ V
CC
≥ 4.5V
V
BATT < VCC –VOK_CHG
V
FULL_RATE < VBATT < VTERM
2500
A
Ω
V
ISET
Charge Current Set
Voltage
6V
≥ V
CC
≥ 4.5V
V
BATT < VCC –VOK_CHG
V
FULL_RATE < VBATT < VTERM
2.5
V
I
USB_L
USB Full-Rate
Charge Low Current
90
80
100
mA
I
USB_H
USB Full-Rate
Charge High Current
450
400
500
mA
I
PREQUAL
Pre-Qualification
Current
V
BATT = 2V, for both AC adapter and USB
45
35
55
mA
V
FULL_RATE
Full-Rate
Qualification
Threshold
V
BATT rising, transition from pre-qualification to
full-rate charging
3.0
2.9
3.1
V
Full Rate Hysteresis
V
BATT falling
60
50
70
mV
I
EOC
End-of-Charge
Current, Percent from
Full-Range Current
6V
≥ V
CC
≥ 4.5V
V
BATT < VCC –VOK_CHG
V
FULL_RATE < VBATT < VTERM
97
11
%
I
TOPOFF
Minimum Top-Off
Charge Current
6V
≥ V
CC
≥ 4.5V
V
BATT < VCC –VOK_CHG
V
BATT =VTERM
2.5
1.25
3.75
%
V
RESTART
Restart Threshold
Voltage
V
BATT falling, transition from EOC to
pre-qualification mode
4.0
3.94
4.07
V
V
TL
Battery Temperature
Sense Comparator
Low-Voltage
Threshold
0.49
0.46
0.52
V
V
TH
Battery Temperature
Sense Comparator
High-Voltage
Threshold
2.49
2.44
2.54
V
I
TSENSE
Battery Temperature
Sense Current
100
94
106
µA
T
REG
Regulated Junction
Temperature
120
˚C
T
SD
Thermal Shutdown
Temperature
165
˚C
DETECTION AND TIMING
T
POK
Power OK Deglitch
Time
V
BATT < VCC –VOK_CHG
60
40
100
ms
T
PREQUAL
Pre-Qualification
Timer
30
27
33
mins
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com