Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2012 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2012_18 Datasheet HTML 1Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 2Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 3Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 4Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 5Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 6Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012_18 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2018
www.anpec.com.tw
3
APA2012
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
WLCSP1.2x1.2-9
TDFN3x3-8
165
60
οC/W
Note 3 : Please refer to
“ Layout Recommendation”, the ThermalPad on the bottom of the IC should soldered directly to the PCB's
ThermalPad area that with several thermal vias connect to the ground plan, and the PCB is a 2-layer, 5-inch square area with 2oz
copper thickness.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VDD
Supply Voltage
2.4 ~ 6
VIH
High Level Threshold Voltage
SD
1 ~ 6
VIL
Low Level Threshold Voltage
SD
0 ~ 0.35
V
TA
Ambient Temperature Range
-40 ~ 85
TJ
Junction Temperature Range
-40 ~ 125
oC
Electrical Characteristics
VDD=5V, GND=0V, TA= 25
οC (unless otherwise noted)
APA2012
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
Supply Current
No load
-
1.8
-
mA
IIH
SD High-Level Input
Curent
SD = VDD
-
50
-
µA
IIL
SD High-Level Input
Curent
SD = 0V
-
1
-
µA
ISD
VDD shutdown supply
current
SD = 0V
-
1
2
µA
Fosc
Oscillator Frequency
-
300
-
kHz
P-Channel
MOSFET
-
200
-
VDD = 5V
N-Channel
MOSFET
-
200
-
P-Channel
MOSFET
-
220
-
RDSON
Static drain-source
on-state resistance
VDD = 3.6V
N-Channel
MOSFET
-
220
-
m
Ω
Vos
Output Offset Voltage
INN and INP connect together, AV=2V/V
-
1
5
mV
AV
Gain
Rin in k
Ω
285/Rin
300/Rin
315/Rin
V/V
OTP
Over Temperature
Protection
-
170
-
oC
Tstart-up
Start up time
-
4
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com