Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 22Page - STMicroelectronics M41T62 Datasheet HTML 23Page - STMicroelectronics M41T62 Datasheet HTML 24Page - STMicroelectronics M41T62 Datasheet HTML 25Page - STMicroelectronics M41T62 Datasheet HTML 26Page - STMicroelectronics M41T62 Datasheet HTML 27Page - STMicroelectronics M41T62 Datasheet HTML 28Page - STMicroelectronics M41T62 Datasheet HTML 29Page - STMicroelectronics M41T62 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
M41T62/63/64/65
26/33
Table 14. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 1.3V to 3.6V (except where noted).
2. Oscillator start-up guaranteed at 1.5V only.
3. When using battery back-up, VCC fall time should not exceed 10mV/µs.
Table 15. Crystal Electrical Characteristics
Note: 1. Externally supplied if using the QFN16 package. STMicroelectronics recommends the Citizen CFS-145 (1.5x5mm) and the KDS
DT-38 (3x8mm) for thru-hole, or the KDS DMX-26S (3.2x8mm) for surface-mount, tuning fork-type quartz crystals.
KDS can be contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp.
Citizen can be contacted at csd@citizen-america.com or http://www.citizencrystal.com.
2. Load capacitors are integrated within the M41T6x. Circuit board layout considerations for the 32.768kHz crystal of minimum trace
lengths and isolation from RF generating signals should be taken into account.
3. Guaranteed by design.
Sym
Parameter
Test Condition(1)
Min
Typ
Max
Unit
VCC
(3)
Operating Voltage
Clock(2)
1.0
3.6
V
I2C bus (400kHz)
1.3
3.6
V
ICC1
Supply Current
SCL = 400kHz
(No load)
3.6V
50
100
µA
3.0V
35
µA
2.5V
30
µA
2.0V
20
µA
ICC2
Supply Current (standby)
SCL = 0Hz
All inputs
≥ VCC – 0.2V
≤ VSS + 0.2V
SQW Off
3.6V
375
700
nA
3.0V @ 25°C
350
nA
2.0V @ 25°C
310
nA
VIL
Input Low Voltage
–0.2
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.3
V
VOL
Output Low Voltage
VCC = 3.6V, IOL = 3.0mA
(CMOS or Open Drain)
0.4
V
VCC = 3.6V, IOL = 1.0mA
(SQW, WDO, IRQ)
0.4
V
VOH
Output High Voltage
VCC = 3.6V, IOH = –1.0mA (Push-Pull)
2.4
V
Pull-up Supply Voltage
(Open Drain)
IRQ/OUT, IRQ/FT/OUT, WDO, SQW
(M41T64 only)
3.6
V
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
Sym
Parameter(1,2)
Min
Typ
Max
Units
fO
Resonant Frequency
32.768
kHz
RS
Series Resistance
65(3)
k
Ω
CL
Load Capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com