Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT17V-6DS-R Datasheet(PDF) 20 Page - Hirose Electric

Part # GT17V-6DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17V-6DS-R Datasheet(HTML) 20 Page - Hirose Electric

Back Button GT17V-6DS-R Datasheet HTML 16Page - Hirose Electric GT17V-6DS-R Datasheet HTML 17Page - Hirose Electric GT17V-6DS-R Datasheet HTML 18Page - Hirose Electric GT17V-6DS-R Datasheet HTML 19Page - Hirose Electric GT17V-6DS-R Datasheet HTML 20Page - Hirose Electric GT17V-6DS-R Datasheet HTML 21Page - Hirose Electric GT17V-6DS-R Datasheet HTML 22Page - Hirose Electric GT17V-6DS-R Datasheet HTML 23Page - Hirose Electric GT17V-6DS-R Datasheet HTML 24Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
139
GT17 Series ● For Network, High speed communication
GT17−6DP−2C
GT17W
(50.4)
23.8
● Housing
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17W-6PP-HU
767-0215-2
PBT / Light Gray
Silicon / White
1
YES
● Insulator
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17V-6DP-2C
767-0078-3
PBT / Dark Gray
1
YES
● Outer terminal
Part No.
HRS No.
Material / Plating or Color Outer Diameter
Packaging
RoHS
GT17VS-6DP-5CF
767-0080-5
Copper alloy / Tin plating
Ø4.8 to 5.2
1
YES
● Shield plate
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17VS-6DP-SC
767-0079-6
Copper alloy / Tin plating
1
YES
● Retainer
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17W-1P/S-R
767-0216-5
PBT / Dark Gray
Silicon / White
1
YES
● Center terminal
Used with 6, and 10 Pos. cable
M Connectors
BThe product comprises 6 parts.
(Housing, insulator, outer terminal, shield plate, and center terminal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com