Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63151FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M63151FP
Description  Polygon Scanner Motor Driver (DMOS Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63151FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M63151FP Datasheet HTML 1Page - Renesas Technology Corp M63151FP Datasheet HTML 2Page - Renesas Technology Corp M63151FP Datasheet HTML 3Page - Renesas Technology Corp M63151FP Datasheet HTML 4Page - Renesas Technology Corp M63151FP Datasheet HTML 5Page - Renesas Technology Corp M63151FP Datasheet HTML 6Page - Renesas Technology Corp M63151FP Datasheet HTML 7Page - Renesas Technology Corp M63151FP Datasheet HTML 8Page - Renesas Technology Corp M63151FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
M63151FP
Rev.1.0, Sep.16.2003, page 3 of 13
Absolute Maximum Ratings
(Ta = 25
°C)
No.
Item
Symbol
Rated
Value
Unit
Remarks
1
Power-supply voltage
Vcc
30
V
2
Output current
lpeak
3.0
A
3
Hall-sensor amp. differential input range
VHA
4.5
V
4
Voltage on input pins
Vin
−0.3 to 7 V
/ ACC, / DEC, / PS, Pref
5
Allowable dissipation
Pd
2.5
W
During start-up at Ta = 60
°C,
with the device mounted on an iron
substrate
6
Parameter for thermal derating
K
θ
25
mW / °C
7
Conjunction temperature
Tj
150
°C
8
Ambient temperature during operation
Ta
−20 to
+75
°C
9
Temperature during storage
Tstg
−40 to
+125
°C
Thermal derating
1.0
2.0
3.0
4.0
5.0
6.0
(W)
025
50
75
100
125
150
(˚C)
Ambient Temperature (Ta)
With the A-type board: 4.7 W
With the B-type board: 3.4 W
With the C-type board: 2.8 W
Note:
The large values for allowable power dissipation make it possible to use this device without a heat sink. At the
very least, dissipation of 2.8 W is possible with a glass-epoxy single-layered board, and 4.7 W is obtained by
applying special design measures to the board. For details on the configurations of boards A, B, and C, refer to
‘Boards used in the evaluation of thermal dating’ on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com