Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PREF3433QDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # PREF3433QDBVRQ1
Description  Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PREF3433QDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  PREF3433QDBVRQ1 Datasheet HTML 1Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 2Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 3Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 4Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 5Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 6Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 7Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 8Page - Texas Instruments PREF3433QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
GND_F
3
ENABLE
2
GND_S
6
OUT_F
4
IN
5
OUT_S
Not to scale
3
REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1
www.ti.com
SBAS901 – JULY 2018
Product Folder Links: REF3425-Q1 REF3430-Q1 REF3433-Q1 REF3440-Q1 REF3450-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
VOUT
REF3425-Q1
2.5 V
REF3430-Q1
3 V
REF3433-Q1
3.3 V
REF3440-Q1
4.096 V
REF3450-Q1
5 V
6 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
GND_F
Ground
Ground force connection
2
GND_S
Ground
Ground sense connection
3
ENABLE
Input
Enable connection. Enables or disables the device.
4
IN
Power
Input supply voltage connection
5
OUT_S
Output
Reference voltage output sense connection
6
OUT_F
Output
Reference voltage output force connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com