Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4309CX9 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IP4309CX9
Description  HDMI octal channel low capacitive high-performance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4309CX9 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IP4309CX9 Datasheet HTML 6Page - NXP Semiconductors IP4309CX9 Datasheet HTML 7Page - NXP Semiconductors IP4309CX9 Datasheet HTML 8Page - NXP Semiconductors IP4309CX9 Datasheet HTML 9Page - NXP Semiconductors IP4309CX9 Datasheet HTML 10Page - NXP Semiconductors IP4309CX9 Datasheet HTML 11Page - NXP Semiconductors IP4309CX9 Datasheet HTML 12Page - NXP Semiconductors IP4309CX9 Datasheet HTML 13Page - NXP Semiconductors IP4309CX9 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IP4309CX9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
10 of 14
NXP Semiconductors
IP4309CX9
HDMI octal channel low capacitive high-performance ESD protection
The device is capable of withstanding at least three reflows of this profile.
Fig 9.
Pb-free solder reflow profile
Table 9.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Treflow(peak) peak reflow temperature
230
-
260
C
t1
time 1
soak time
60
-
180
s
t2
time 2
time during T
 250 C
--30
s
t3
time 3
time during T
 230 C10
-
50
s
t4
time 4
time during T > 217
C
30
-
150
s
t5
time 5
-
-
540
s
dT/dt
rate of change of
temperature
cooling rate
-
-
6
C/s
preheat
2.5
-
4.0
C/s
001aai943
Treflow(peak)
250
230
217
T
(
°C)
cooling rate
preheat
t1
t5
t4
t3
t2
t (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com