Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3274 Datasheet(PDF) 10 Page - Exar Corporation

Part # MP3274
Description  Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3274 Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP3274 Datasheet HTML 6Page - Exar Corporation MP3274 Datasheet HTML 7Page - Exar Corporation MP3274 Datasheet HTML 8Page - Exar Corporation MP3274 Datasheet HTML 9Page - Exar Corporation MP3274 Datasheet HTML 10Page - Exar Corporation MP3274 Datasheet HTML 11Page - Exar Corporation MP3274 Datasheet HTML 12Page - Exar Corporation MP3274 Datasheet HTML 13Page - Exar Corporation MP3274 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP3274
10
Rev. 4.00
Table 4. Serial Data Output Mode Timing (
See Figure 6.)
25
°C
Tmin to
Tmax
Limits
Comments/Test Conditions
STS low to SDO (DB11) Valid,
t20
50
50
ns max
Load Ckt 4 of
Figure 3.
RD = 0
Minimum clock high pulse width
t21
50
80
ns max
SDC low to data valid delay
t22
150 ns
200
ns max
Load ckt of
Figure 3., CL = 20pF
200 ns
250
ns max
Load ckt of
Figure 3., CL = 100pF
Serial Data Output Timing
Time
Interval
Note 1: If RD = 1, data outputs remain high impedance. It is recommended that RD will not change during a conver-
sion in order to reduce noise. It is further recommended that RD = 1 during conversion to reject any noise present on
the data bus.
Table 5. Logic Truth Table – Serial Data Output Mode
CS
WR
RD
ADEN
Data
STL
STS
Comments
1
X
X
X
X
––
0
0
X
No Operation
0
↓
X
1
X
Hi-Z
0
0
X
Serial mode enabled (1)
00
↓
1
0
Hi-Z
0
0
X
No operation if ADEN = 0
00
↓
1
1
Hi-Z
↑
0
X
Input MUX channel selected, STL
set on falling edge of WR
0
0
0
1
X
Hi-Z
1
0
X
MUX select disabled
00
↑
1
X
Hi-Z
0
↑
X
Start convert on WR rising edge
0
0
1
1
X
Hi-Z
↓↑
X
Start convert on STL falling edge
0
0
1
1
X
Hi-Z
0
↓
X
STS goes low at end of conversion
PXS
ADC Channel Select and Start Convert
DB0/SDC
00
1
↓
X
––
0
0
1
Serial output (DB11/SDO) and
serial clock input (DB0/SDC)
enabled
00
X
X
X
MSB (DB11)
0
0
1
MSB data available at DB11/SDO
0
0
X
0
X
DB10
0
0
↓
Next significant bit shifted out to
DB11/SDO
0
0
X
0
X
DB10
0
0
0
No Operation
0
0
X
0
X
DB10
0
0
↑
No Operation
0
0
X
0
X
DB9
0
0
↓
Next significant bit shifted out to
DB11/SDO
00
X
↑
X
Hi-Z
0
0
X
Data outputs/SDC input disabled
0
X
1
X
X
Hi-Z
0
1
X
Data outputs/RD disabled when
STS = 1
0
X
0
0
Hi-Z
0
↑
1
STL, MUX select disabled when
ADEN = 0
00
0
X
MSB (DB11)
0
↓
1
New data appears at DB11/SDO
on falling edge of STS
Read ADC Data (
See Table 4. and Figure 6.)
Table 6. Key Output Codes vs. Input Voltage (2’s Complement Code)
2’s Complement Output Code (Hexidecimal)
Ideal Transition Voltage
+FS – 1 1/2 LSB
0 V +1/2 LSB
0 V –1/2 LSB
–FS +1/2 LSB
0111
0000
1111
1000
1111
0000
1111
0000
1110 (7fe) to
0000 (000) to
1111 (fff) to
0000(800) to
0111
0000
0000
1000
1111
0000
0000
0000
1111 (7ff)
0001 (001)
0000 (000)
0001 (801)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com