Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9062IPWR
Description  10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 17Page - Texas Instruments TLV9062IPWR Datasheet HTML 18Page - Texas Instruments TLV9062IPWR Datasheet HTML 19Page - Texas Instruments TLV9062IPWR Datasheet HTML 20Page - Texas Instruments TLV9062IPWR Datasheet HTML 21Page - Texas Instruments TLV9062IPWR Datasheet HTML 22Page - Texas Instruments TLV9062IPWR Datasheet HTML 23Page - Texas Instruments TLV9062IPWR Datasheet HTML 24Page - Texas Instruments TLV9062IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
±80
±60
±40
±20
0
20
40
60
80
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
Sinking
Sourcing
C034
0
1
2
3
4
5
6
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VS = 5.5 V
VS = 1.8 V
C035
Time (0.1µs/div)
Input
Output
C030
Time (1 µs/div)
Input
Output
C031
Time (200 µs/div)
Input
Output
C036
Time (1 µs/div)
INPUT
OUTPUT
C028
21
TLV9061, TLV9062S, TLV9062, TLV9064, TLV9064S
www.ti.com
SBOS839E – MARCH 2017 – REVISED JULY 2018
Product Folder Links: TLV9061 TLV9062S TLV9062 TLV9064 TLV9064S
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
V+ = 2.75 V, V– = –2.75 V
Figure 25. No Phase Reversal
V+ = 2.75 V, V– = –2.75 V , G = –10 V/V
Figure 26. Overload Recovery
V+ = 2.75 V, V– = –2.75 V, G = 1 V/V
Figure 27. Small-Signal Step Response
V+ = 2.75 V, V– = –2.75 V, CL = 100 pF, G = 1 V/V
Figure 28. Large-Signal Step Response
Figure 29. Short-Circuit Current vs Temperature
RL = 10 kΩ, CL = 10 pF
Figure 30. Maximum Output Voltage vs Frequency and
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com