Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9137A Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9137A
Description  High Sensit ivity Hall Effect Sensor Lat ch IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9137A Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9137A Datasheet HTML 1Page - Anpec Electronics Coropration APX9137A Datasheet HTML 2Page - Anpec Electronics Coropration APX9137A Datasheet HTML 3Page - Anpec Electronics Coropration APX9137A Datasheet HTML 4Page - Anpec Electronics Coropration APX9137A Datasheet HTML 5Page - Anpec Electronics Coropration APX9137A Datasheet HTML 6Page - Anpec Electronics Coropration APX9137A Datasheet HTML 7Page - Anpec Electronics Coropration APX9137A Datasheet HTML 8Page - Anpec Electronics Coropration APX9137A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Feb. , 2 0 1 1
APX9 1 3 7 A
w w w .anpec.com .t w
1
ANPEC r eser v es t h e r ig h t t o m ak e ch an g es t o im p r o v e r eliab ilit y o r m an u f act u r ab ilit y w it h o u t n o t ice, an d
adv ise cust om er s t o ob t ain t h e lat est v er sion of r elev ant inf or m at ion t o v er if y b ef or e p lacing or der s.
High Sensit iv it y Hall Effect Sensor Lat ch I C
Feat ures
Ge ne r a l D e scr ipt ion
The APX9137A is an integrated Hall-Effect sensor latch
IC designed for electric commutation of three-phase
Brushless DC motor applications. The APX9137A is avail-
able in a low cost SOT-23-3 package.
Pin Con figu r a t ion
•
On-Chip Hall Sensor
•
Wide Operating Voltage Range: 2.2V to 24V
•
Low Operating Supply Current
•
Built-in Pull-up Resistor
•
High Sensitivity Hall Effect Sensor IC:
±60G
•
3 Pin SOT-23 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Ap plica t ion s
•
Brushless DC Motor
•
Brushless DC Fan
•
Revolution Counting
•
Speed Measurement
Sim p lif ie d Applica t ion Cir cu it
SOT-23-3
(Top View)
VDD 1
2 GND
OUT 3
APX9137A
VDD
OUT
GND
C
IN
C
OUT
VDD
OUT
Or de r ing a n d M a rk in g I n for m a t ion
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APX9137A
Handling Code
Temperature Range
Package Code
Package Code
A : SOT-23-3
Temperature Range
I : -40 to 150 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APX9137A A:
A37X
X - Date Code


Similar Part No. - APX9137A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137AI-PBG ANPEC-APX9137AI-PBG Datasheet
134Kb / 11P
High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137AI-TRG ANPEC-APX9137AI-TRG Datasheet
134Kb / 11P
High Sensit ivity Hall Effect Sensor Lat ch IC
More results

Similar Description - APX9137A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Anpec Electronics Corop...
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
High Sensit ivity Hall IC for FAN Dr iver
APX285 ANPEC-APX285 Datasheet
224Kb / 12P
High Sensit ivity Hall IC for FAN Dr iver
APX9137 ANPEC-APX9137 Datasheet
134Kb / 11P
High Sensit ivity Hall Effect Sensor Lat ch IC
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
High Sensit ivity Hall IC for FAN Dr iver
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
High Sensit ivity Hall IC for FAN Dr iver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com