Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM5B37 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCM5B37
Description  Thermocouple Input Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SCM5B37 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCM5B37 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCM5B37 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATAFORTH
A Burr-Brown Company
®
Call 800-444-7644
For Information and Assistance
SCM5B37
Thermocouple Input Modules
The SCM5B modules are designed with a completely isolated computer
side circuit which can be floated to
±50V from Power Common, pin 16. This
complete isolation means that no connection is required between I/O
Common and Power Common for proper operation of the output switch. If
desired, the output switch can be turned on continuously by simply
connecting pin 22, the Read-Enable pin to I/O Common, pin 19.
The SCM5B37 can interface to nine industry standard thermocouple types:
J, K, T, E, R, S, C, N, and B. Its corresponding output signal operates over
a 0V to +5V range. Each module is cold-junction compensated to correct
for parasitic thermocouples formed by the thermocouple wire and screw
terminals on the mounting backpanel. Upscale open thermocouple detect
is provided by an internal pull-up resistor. Downscale indication can be
implemented by installing an external 47M
Ω resistor, ±20% tolerance,
between screw terminals 1 and 3 on the SCMPB01/02/03/04/05/06
backpanels.
Signal filtering is accomplished with a six-pole filter which provides 95dB
of normal-mode-rejection at 60Hz and 90dB at 50Hz. Two poles of this filter
are on the field side of the isolation barrier, and the other four are on the
computer side.
After the initial field-side filtering, the input signal is chopped by a
proprietary chopper circuit. Isolation is provided by transformer coupling,
again using a proprietary technique to suppress transmission of common
mode spikes or surges. The module is powered from +5VDC,
±5%.
A special input circuit on the SCM5B37 modules provides protection
against accidental connection of power-line voltages up to 240VAC.
For Class I, Division 2 hazardous location applications, refer to Dataforth
installation manual MA1146 (available upon request).
FEATURES
q INTERFACES TO TYPES J, K, T, E, R, S, C, N AND B
THERMOCOUPLES
q HIGH LEVEL VOLTAGE OUTPUTS
q 1500Vrms TRANSFORMER ISOLATION
q ANSI/IEEE C37.90.1-1989 TRANSIENT PROTECTION
q INPUT PROTECTED TO 240VAC CONTINUOUS
q 160dB CMR
q 95dB NMR AT 60Hz, 90dB at 50Hz
q
±0.05% ACCURACY
q
±0.02% LINEARITY
q
±1µV/°C DRIFT
q CSA CERTIFIED, FM APPROVED, CE COMPLIANT
q MIX AND MATCH SCM5B TYPES ON BACKPANEL
DESCRIPTION
Each SCM5B37 thermocouple input module provides a single channel of
thermocouple input which is filtered, isolated, amplified, and converted to
a high level analog voltage output (Figure 1). This voltage output is logic-
switch controlled, allowing these modules to share a common analog bus
without the requirement of external multiplexers.
FIGURE 1. SCM5B37 Block Diagram.
–V
LPF
LPF
+In
–In
–EXC
Backpanel
Term Block
1
2
6
5
3
Surge
Suppression
and
Protection
+V
Isolated
Field-Side
Power
Power
Oscillator
Isolated
Computer-Side
Power
V
OUT
20
19
22
I/O Common
RD EN\
+5V
Power Common
4
3
2
1
+EXC
–V
+V
4
NC
Thermocouple
Precision
Reference
CJC
Temp
Sensor
+2.5V
17
16
100M
Ω
Isochopper™
Amplifier
Pat Pending


Similar Part No. - SCM5B37

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM5B33 ETC-SCM5B33 Datasheet
26Kb / 2P
Isolated True RMS Input Modules
SCM5B33-01 ETC-SCM5B33-01 Datasheet
26Kb / 2P
Isolated True RMS Input Modules
SCM5B33-01B ETC-SCM5B33-01B Datasheet
26Kb / 2P
Isolated True RMS Input Modules
SCM5B33-01C ETC-SCM5B33-01C Datasheet
26Kb / 2P
Isolated True RMS Input Modules
SCM5B33-01D ETC-SCM5B33-01D Datasheet
26Kb / 2P
Isolated True RMS Input Modules
More results

Similar Description - SCM5B37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B37 AD-7B37 Datasheet
532Kb / 8P
Isolated, Thermocouple Input
logo
List of Unclassifed Man...
DI-8B47 ETC1-DI-8B47 Datasheet
321Kb / 2P
Linearized Thermocouple Input Modules
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
Isolated, Thermocouple Input
5B37 AD-5B37 Datasheet
699Kb / 8P
Isolated Thermocouple Input
REV. 0
7B27 AD-7B27 Datasheet
538Kb / 8P
Isolated Thermocouple Input
REV. 0
logo
Grayhill, Inc
73G-ITCJ GRAYHILL-73G-ITCJ Datasheet
126Kb / 2P
Thermocouple Input Modules
logo
Analog Devices
3B37 AD-3B37_15 Datasheet
342Kb / 8P
Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37_15 Datasheet
700Kb / 8P
Isolated Thermocouple Input
REV. 0
7B27 AD-7B27_15 Datasheet
539Kb / 8P
Isolated Thermocouple Input
REV. 0
7B37 AD-7B37_15 Datasheet
538Kb / 8P
Isolated, Thermocouple Input
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com