Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS19-08HO1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS19-08HO1
Description  High Efficiency Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS19-08HO1 Datasheet(HTML) 1 Page - IXYS Corporation

  CS19-08HO1 Datasheet HTML 1Page - IXYS Corporation CS19-08HO1 Datasheet HTML 2Page - IXYS Corporation CS19-08HO1 Datasheet HTML 3Page - IXYS Corporation CS19-08HO1 Datasheet HTML 4Page - IXYS Corporation CS19-08HO1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CS19-08ho1
Single Thyristor
High Efficiency Thyristor
2
1
3
Part number
CS19-08ho1
Backside: anode
TAV
T
V
V
1,31
RRM
20
800
=
V
=
V
I
=
A
Features / Advantages:
Applications:
Package:
●
Thyristor for line frequency
●
Planar passivated chip
●
Long-term stability
●
Line rectifying 50/60 Hz
●
Softstart AC motor control
●
DC Motor control
●
Power converter
●
AC power control
●
Lighting and temperature control
TO-220
●
Industry standard outline
●
RoHS compliant
●
Epoxy meets UL 94V-0
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact the sales office, which is responsible for you.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact the sales office, which is responsible for you.
Should you intend to use the product in aviation, in health or live endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms Conditions of usage:
IXYS reserves the right to change limits, conditions and dimensions.
20150827c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Similar Part No. - CS19-08HO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS19-08HO1 IXYS-CS19-08HO1 Datasheet
66Kb / 2P
Phase Control Thyristors
CS19-08HO1S IXYS-CS19-08HO1S Datasheet
66Kb / 2P
Phase Control Thyristors
CS19-08HO1S IXYS-CS19-08HO1S Datasheet
168Kb / 5P
High Efficiency Thyristor
More results

Similar Description - CS19-08HO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLA50E1200HB IXYS-CLA50E1200HB Datasheet
123Kb / 5P
High Efficiency Thyristor
CLA50E1200TC IXYS-CLA50E1200TC Datasheet
154Kb / 5P
High Efficiency Thyristor
CLA80MT1200NHR IXYS-CLA80MT1200NHR Datasheet
455Kb / 5P
High Efficiency Thyristor
CLA110MB1200NA IXYS-CLA110MB1200NA Datasheet
717Kb / 5P
High Efficiency Thyristor
CLA60PD1200NA IXYS-CLA60PD1200NA Datasheet
717Kb / 5P
High Efficiency Thyristor
CLA100PD1200NA IXYS-CLA100PD1200NA Datasheet
723Kb / 5P
High Efficiency Thyristor
CS19-08HO1S IXYS-CS19-08HO1S Datasheet
168Kb / 5P
High Efficiency Thyristor
CS19-12HO1S IXYS-CS19-12HO1S Datasheet
168Kb / 5P
High Efficiency Thyristor
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
196Kb / 5P
High Efficiency Thyristor
CLA80E1200HF IXYS-CLA80E1200HF Datasheet
263Kb / 5P
High Efficiency Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com