Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UES1306 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # UES1306
Description  High Efficiency, 5A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

UES1306 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  UES1306 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - UES1306

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES1306 MICROSEMI-UES1306 Datasheet
94Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UES1306 DIGITRON-UES1306 Datasheet
339Kb / 2P
RECTIFIERS HIGH EFFICIENCY, 5A
More results

Similar Description - UES1306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Digitron Semiconductors
UES1304 DIGITRON-UES1304 Datasheet
339Kb / 2P
RECTIFIERS HIGH EFFICIENCY, 5A
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816 Datasheet
1Mb / 26P
High-Efficiency Buck-Boost Regulator with 5A Switches
Rev 0; 6/17
logo
Delta Electronics, Inc.
T48SR05005 DELTA-T48SR05005 Datasheet
439Kb / 12P
High efficiency : 86% @ 5V/5A
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com