Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-5586 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # SGA-5586
Description  DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-5586 Datasheet(HTML) 1 Page - Stanford Microdevices

  SGA-5586 Datasheet HTML 1Page - Stanford Microdevices SGA-5586 Datasheet HTML 2Page - Stanford Microdevices SGA-5586 Datasheet HTML 3Page - Stanford Microdevices SGA-5586 Datasheet HTML 4Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
EDS-101267 Rev. D
Product Description
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc.. All worldwide rights
reserved.
SGA-5586
SGA-5586Z Pb
RoHS Compliant
&
Package
Green
DC-4000 MHz, Cascadable
SiGe HBT MMIC Amplifier
Product Features
• Now available in Lead Free, RoHS
Compliant, & Green Packaging
• High Gain : 18.7 dB at 1950 MHz
• Cascadable 50 Ohm
• Operates From Single Supply
• Low Thermal Resistance Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
The SGA-5586 is a high performance SiGe HBT MMIC Amplifier.
A Darlington configuration featuring 1 micron emitters provides
high FT and excellent thermal perfomance. The heterojunction
increases breakdown voltage and minimizes leakage current
between junctions.
Cancellation of emitter junction non-
linearities results in higher suppression of intermodulation prod-
ucts. Only 2 DC-blocking capacitors, a bias resistor and an
optional RF choke are required for operation.
The matte tin finish on Sirenza’s lead-free package utilizes a
post annealing process to mitigate tin whisker formation and is
RoHS compliant per EU Directive 2002/95. This package is
also manufactured with green molding compounds that contain
no antimony trioxide nor halogenated fire retardants.
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
l
l
a
m
S
B
d
B
d
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
1
.
3
2
7
.
8
1
3
.
7
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
1
.
8
1
8
.
5
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
6
.
1
3
8
.
8
2
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
0
4
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
12
.
2
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
17
.
0
2
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
16
.
2
V
D
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DV
5
.
39
.
32
.
4
I
D
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DA
m4
50
66
6
R
H
T
l
-
j
,
)
d
a
e
l
o
t
n
o
i
t
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°7
9
Test Conditions:
V
S = 8 V
I
D = 60 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 68 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
0
8
16
24
32
01
2
3
45
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.9 V, ID= 60 mA
(Typ.)
T
L=+25ºC


Similar Part No. - SGA-5586

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-5586 SIRENZA-SGA-5586 Datasheet
87Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5586Z SIRENZA-SGA-5586Z Datasheet
87Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-5586

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-6389 ETC-SGA-6389 Datasheet
267Kb / 4P
DC-4000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4363 SIRENZA-SGA-4363 Datasheet
249Kb / 5P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5586 SIRENZA-SGA-5586 Datasheet
87Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6586 SIRENZA-SGA-6586 Datasheet
89Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5489 SIRENZA-SGA-5489 Datasheet
86Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5589 SIRENZA-SGA-5589 Datasheet
86Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4363A QORVO-QPA4363A Datasheet
883Kb / 7P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com