Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCW20 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCW20
Description  20W DIP Package DC-DC Regulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCW20 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCW20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SCW20A-05
SCW20B-05
SCW20C-05
SCW20A-12
SCW20B-12
SCW20C-12
SCW20A-15
SCW20B-15
SCW20C-15
Normal 12V
(9 ~ 18V)
Normal 24V
(18 ~ 36V)
Normal 48V
(36 ~ 75V)
5V
5V
5V
12V
12V
12V
15V
15V
15V
1938mA
969mA
484mA
1938mA
957mA
479mA
1915mA
957mA
479mA
110mA
60mA
45mA
30mA
25mA
15mA
25mA
25mA
15mA
4000mA
4000mA
4000mA
1666mA
1666mA
1666mA
1333mA
1333mA
1333mA
86%
86%
86%
86%
87%
87%
87%
88%
89%
1000 F
μ
1000 F
μ
1000 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
File Name:SCW20-SPEC 2018-02-27
20W DIP Package DC-DC Regulated Converter
EFFICIENCY
(TYP.)
SCW20 series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com