Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP02548 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02548
Description  SAW Filter 228.1MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02548 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02548 Datasheet HTML 1Page - Golledge Electronics Ltd MP02548 Datasheet HTML 2Page - Golledge Electronics Ltd MP02548 Datasheet HTML 3Page - Golledge Electronics Ltd MP02548 Datasheet HTML 4Page - Golledge Electronics Ltd MP02548 Datasheet HTML 5Page - Golledge Electronics Ltd MP02548 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 228.1MHz
Model: TB0573A
Part No: MP02548
REV NO.: 2
TB0573A v2
1
A. MAXIMUM RATING:
1. Operating Temperature: -40
°C to +85°C
2. Storage Temperature: -40
°C to +85°C
3. Maximum Input Power : 10dBm
B. ELECTRICAL CHARACTERISTICS:
1. Ambient Temperature: 25
°C
Item
Min.
Typical
Max.
Center frequency
Fc
MHz
-
228.1
-
Insertion loss at Fc
dB
-
10.0
11.0
Bandwidth at –1.0dB
MHz
27.0
29.0
-
Amplitude Ripple (Fc ± 12.5 MHz)
dB
-
0.3
1.0
Group Delay Ripple (Fc ± 12.5 MHz)
nS
-
20
-
Attenuation (Reference level from minimum Insertion loss )
100 MHz ~204.1 MHz
dB
40
50
-
304.1 MHz ~ 209.5 MHz
dB
25
45
-
247.5 MHz ~ 252.5 MHz
dB
25
36
-
252.5 MHz ~ 350 MHz
dB
38
42
-
Temp Coefficient
ppm/°C
-
-93
-


Similar Part No. - MP02548

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02506 GOLLEDGE-MP02506 Datasheet
83Kb / 6P
SAW Filter 455MHz
MP02508 GOLLEDGE-MP02508 Datasheet
111Kb / 6P
SAW Filter 1970MHz
MP02535 GOLLEDGE-MP02535 Datasheet
81Kb / 6P
SAW Filter 902.5MHz
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
MP02584 GOLLEDGE-MP02584 Datasheet
201Kb / 6P
SAW Filter 355MHz
More results

Similar Description - MP02548

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0573A TAI-SAW-TB0573A Datasheet
264Kb / 7P
SAW Filter 228.1MHz SMD 7.0횞5.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP02233 GOLLEDGE-MP02233 Datasheet
67Kb / 4P
SAW Filter 228.1MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com