Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP01779 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01779
Description  Ambient Temperature: 25째C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01779 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01779 Datasheet HTML 1Page - Golledge Electronics Ltd MP01779 Datasheet HTML 2Page - Golledge Electronics Ltd MP01779 Datasheet HTML 3Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 456MHz
Model: TB0471A
Part No: MP01779
Rev No: 1
TB0471A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C ~ +85°C
2. Storage Temperature: -40°C ~ +85°C
3. Input Power Level: 10dBm
B. CHARACTERISTICS:
1. Ambient Temperature: 25°C
2. Optimal Source Impedance (Balanced): 200
3. Optimal Load Impedance (Balanced): 200
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
456
-
-
Minimum Insertion Loss dB
-
12.4
15.5
-
Return Loss (Fc ± 1.5MHz) dB
9
15
-
-
1dB Bandwidth MHz
-
6.2
-
-
30dB Bandwidth MHz
-
7.7
-
-
Passband Ripple (Fc ± 1.5MHz) dB
-
0.4
1
-
Group Delay Ripple (Fc ± 1.5MHz) nS
-
36
200
-
Attenuation: (Reference level from minimum insertion loss) dB
10MHz ~ 256MHz dB
30
65
-
-
256MHz ~ 360MHz dB
45
59
-
-
360MHz ~ 416MHz dB
45
55
-
-
416MHz ~ 445.1MHz dB
35
47
-
-
466.9MHz ~ 496MHz dB
35
46
-
-
496MHz ~ 656MHz dB
35
50
-
-
656MHz ~ 1000MHz dB
30
55
-
-
Temp Coefficient ppm/°C
2
-0.036


Similar Part No. - MP01779

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01703 GOLLEDGE-MP01703 Datasheet
136Kb / 5P
240.0MHz SAW Filter
MP01717 GOLLEDGE-MP01717 Datasheet
169Kb / 7P
SAW Filter 757.50MHz
MP01724 GOLLEDGE-MP01724 Datasheet
147Kb / 5P
83.16MHz SAW Filter
MP01742 GOLLEDGE-MP01742 Datasheet
68Kb / 6P
2067.0MHz SAW Filter
MP01767 GOLLEDGE-MP01767 Datasheet
129Kb / 6P
SAW Filter 710 MHz
More results

Similar Description - MP01779

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NV2R DBLECTRO-NV2R Datasheet
464Kb / 2P
Withstands high temperature, operating under 105 ambient temperature
logo
AMETHERM Circuit Protec...
AS352R035 AMETHERM-AS352R035 Datasheet
31Kb / 1P
Resistance @ 25째c
logo
List of Unclassifed Man...
BM4515-04W ETC2-BM4515-04W Datasheet
262Kb / 1P
Allowable Ambient Temperature Range
logo
New Jersey Semi-Conduct...
2N3265 NJSEMI-2N3265 Datasheet
85Kb / 2P
absolute maximum ratings at 25째C case temperature
logo
List of Unclassifed Man...
FBA12G24L1A ETC2-FBA12G24L1A Datasheet
270Kb / 7P
Allowable Ambient Temperature Range
logo
Texas Instruments
TPS7A6650H-Q1 TI1-TPS7A6650H-Q1 Datasheet
1Mb / 21P
Ambient-Temperature Regulator
logo
Wurth Elektronik GmbH &...
74405042033 WURTH-74405042033 Datasheet
323Kb / 5P
Ambient Temperature
74406032330 WURTH-74406032330 Datasheet
324Kb / 5P
Ambient Temperature
logo
Maxim Integrated Produc...
MAX31820 MAXIM-MAX31820 Datasheet
1Mb / 21P
1-Wire Ambient Temperature Sensor
Rev 0; 6/13
logo
Renesas Technology Corp
RV1S2281A RENESAS-RV1S2281A Datasheet
1Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C
Nov 11,2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com