Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0684 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 17Page - STMicroelectronics STV0684 Datasheet HTML 18Page - STMicroelectronics STV0684 Datasheet HTML 19Page - STMicroelectronics STV0684 Datasheet HTML 20Page - STMicroelectronics STV0684 Datasheet HTML 21Page - STMicroelectronics STV0684 Datasheet HTML 22Page - STMicroelectronics STV0684 Datasheet HTML 23Page - STMicroelectronics STV0684 Datasheet HTML 24Page - STMicroelectronics STV0684 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21/49
STV0684
Functional Description
3.9
JPEG CODEC
Description
The STV0684 features a compression and a decompression engine that is used for both Still
pictures and video clips. The hardware CODEC ensures a fast reaction time of the system to
encode and decode data. This is particularly important to minimize the shutter to shutter time and
the ability to rapidly display images on a local display or the TV set.
Compression engine The compression engine uses Baseline Sequential JPEG techniques to
compress a digital 656 video stream (at up to 12MPixels/s), down to bandwidth that can be
transmitted over the USB interface or to a mass storage media, typically 500-900Kbytes/s. It outputs
a JPEG data stream with the headers required by standard decoders.
Decompression engine The JPEG decoder block reads the compressed data from the DMA fifo,
parses the header and writes back decompressed data back to DMA fifo. This data is organized in
8x8 blocks of the different color components. This data can be converted to raster scan format to be
read by the display controller for display on a LCD or TV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com