Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81100AT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW81100AT
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100AT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW81100AT Datasheet HTML 6Page - STMicroelectronics STW81100AT Datasheet HTML 7Page - STMicroelectronics STW81100AT Datasheet HTML 8Page - STMicroelectronics STW81100AT Datasheet HTML 9Page - STMicroelectronics STW81100AT Datasheet HTML 10Page - STMicroelectronics STW81100AT Datasheet HTML 11Page - STMicroelectronics STW81100AT Datasheet HTML 12Page - STMicroelectronics STW81100AT Datasheet HTML 13Page - STMicroelectronics STW81100AT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
STW81100
10/23
6
General Description
The block diagram of Figure 2 shows the different blocks, which have been integrated to achieve an inte-
ger-N PLL frequency synthesizer.
The STW81100 consists of 2 internal low-noise VCOs with buffer blocks, a divider by 2, a divider by 4, a
low-noise PFD (Phase Frequency Detector), a precise charge pump, a 9-bit programmable reference di-
vider, two programmable counters and a dual-modulus prescaler.
The A-counter (6 bits) and B counter (9 bits) counters, in conjunction with the dual modulus prescaler P/
P+1 (64/65), implement an N integer divider, where N = B*P +A.
The division ratio of both reference and VCO dividers is controlled through an I2C bus interface.
All devices operate with a power supply of 3.3 V and can be powered down when not in use.
7
Circuit Description
7.1 Reference input stage
The reference input stage is shown in Figure 12. The resistor network feeds a DC bias at the Fref input
while the inverter used as the frequency reference buffer is AC coupled.
Figure 12. Reference Frequency Input Buffer
7.2 Reference Divider
The 9-bit programmable reference counter allows the input reference frequency to be divided to produce
the input clock to the PFD. The division ratio is programmed through the I2C bus interface.
7.3 Prescaler
The dual-modulus prescaler 64/65 takes the CML clock from the VCO buffer and divides it down to a man-
ageable frequency for the CMOS A and B counters. It is based on a synchronous 4/5 core which division
ratio depends on the state of the modulus input.
7.4 A and B Counters
The A (6 bits) and B (9 bits) counters, in conjunction with the dual modulus prescaler make it possible to
generate output frequencies which are spaced only by the reference frequency divided by the reference
division ratio. Thus, the division ratio and the VCO output frequency are given by these formulas:
N = B x P + A
INV
BUF
VDD
Fref
Power Down
INV
BUF
VDD
Fref
Power Down
F
VCO
BP
A
+
⋅
() F
re f
⋅
R
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com