Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH12R06DI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH12R06DI
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12R06DI Datasheet(HTML) 1 Page - STMicroelectronics

  STTH12R06DI Datasheet HTML 1Page - STMicroelectronics STTH12R06DI Datasheet HTML 2Page - STMicroelectronics STTH12R06DI Datasheet HTML 3Page - STMicroelectronics STTH12R06DI Datasheet HTML 4Page - STMicroelectronics STTH12R06DI Datasheet HTML 5Page - STMicroelectronics STTH12R06DI Datasheet HTML 6Page - STMicroelectronics STTH12R06DI Datasheet HTML 7Page - STMicroelectronics STTH12R06DI Datasheet HTML 8Page - STMicroelectronics STTH12R06DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August 2006
Rev 3
1/11
11
STTH12R06
Turbo 2 ultrafast high voltage rectifier
Main product characteristics
Features and benefits
■ Ultrafast switching
■ Low reverse recovery current
■ Low thermal resistance
■ Reduces switching losses
■ Package insulation voltage:
TO220AC Ins: 2500 VRMS
TO-220FPAC: 2000 VDC
Description
The STTH12R06, which is using ST Turbo 2 600V
technology, is specially suited as boost diode in
continuous mode power factor corrections and
hard switching conditions.
This device is also intended for use as a free
wheeling diode in power supplies and other power
switching applications.
Order codes
IF(AV)
12 A
VRRM
600 V
IRM (typ)
7 A
Tj
175° C
VF (typ)
1.4 V
trr (max)
25 ns
Part Number
Marking
STTH12R06D
STTH12R06D
STTH12R06FP
STTH12R06FP
STTH12R06G
STTH12R06G
STTH12R06G-TR
STTH12R06G
STTH12R06DIRG
STTH12R06DI
K
A
K
K
A
K
A
NC
K
A
TO-220AC
STTH12R06D
TO-220FPAC
STTH12R06FP
D2PAK
STTH12R06G
TO-220AC Insulated
STTH12R06DIRG
www.st.com


Similar Part No. - STTH12R06DI

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH12R06D ISC-STTH12R06D Datasheet
314Kb / 2P
Fast Recovery Diode
More results

Similar Description - STTH12R06DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com