Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89208VMITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89208VMITR
Description  3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89208VMITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89208VMITR Datasheet HTML 1Page - Micrel Semiconductor SY89208VMITR Datasheet HTML 2Page - Micrel Semiconductor SY89208VMITR Datasheet HTML 3Page - Micrel Semiconductor SY89208VMITR Datasheet HTML 4Page - Micrel Semiconductor SY89208VMITR Datasheet HTML 5Page - Micrel Semiconductor SY89208VMITR Datasheet HTML 6Page - Micrel Semiconductor SY89208VMITR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Precision Edge™
SY89208V
Micrel
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Part Number
Type
Range
Marking
SY89208VMITR*
MLF-8
Industrial
208
*Tape and Reel
PIN DESCRIPTION
NC
DA
DB
SEL
VCC
Q
/Q
VEE
1
2
3
4
8
7
6
5
8-Pin MLF™
Ultra-Small Outline (2mm x 2mm)
Pin Number
Pin Name
Type
Pin Function
2, 3
DA, DB
100k
Single-ended PECL/ECL Inputs: The signal inputs include internal 75k
Ω
ECL Input
pull-down resistors. Default condition is LOW when left floating. The input
signal should be terminated externally.
4
SEL
100k
Single-ended PECL/ECL Input: PECL/ECL compatible 2:1 mux select. See
ECL Input
Truth Table. Includes internal 75k
Ω pull-down resistor. Default condition is
LOW when left floating.
5
VEE
Negative Power
Negative Power Supply: VEE and Exposed pad must be tied to most
Exposed Pad
Supply
negative supply. For PECL/LVPECL connect to ground.
6, 7
/Q, Q
100k ECL Output
Differential PECL/LVPECL Output: 100k ECL/ output defaults to LOW if D
inputs left open. See
“Output Interface Applications” section for
recommendations on terminations.
8
VCC
Power
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
1
NC
Not connected.
MUX SELECT TRUTH TABLE
SEL
DATA OUT (Q, /Q)
L
DB Input Selected
H
DA Input Selected



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com