Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7419TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7419TR
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7419TR Datasheet HTML 5Page - STMicroelectronics TDA7419TR Datasheet HTML 6Page - STMicroelectronics TDA7419TR Datasheet HTML 7Page - STMicroelectronics TDA7419TR Datasheet HTML 8Page - STMicroelectronics TDA7419TR Datasheet HTML 9Page - STMicroelectronics TDA7419TR Datasheet HTML 10Page - STMicroelectronics TDA7419TR Datasheet HTML 11Page - STMicroelectronics TDA7419TR Datasheet HTML 12Page - STMicroelectronics TDA7419TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/30
TDA7419
5.2
AutoZero
The AutoZero allows a reduction of the number of pins as well as external components by canceling any
offset generated by or before the In-Gain-stage (Please notice that externally generated offsets, e.g. gen-
erated through the leakage current of the coupling capacitors, are not canceled).
The auto-zeroing is started every time the input source is changed and needs max. 0.3ms for the align-
ment. To avoid audible clicks the Audio processor is muted before the loudness stage during this time.
The AutoZero feature is only present in the main signal-path.
5.2.1 AutoZero-Remain
In some cases, for example if the P is executing a refresh cycle of the IIC-Bus-programming, it is not use-
ful to start a new AutoZero-action because no new source is selected and an undesired mute would ap-
pear at the outputs. For such applications, it can be switched in the AutoZero-Remain-Mode (Bit 6 of the
subaddress-byte). If this bit is set to high, the AutoZero will not be invoked and the old adjustment-value
remains.
5.3
Loudness
There are four parameters programmable in the loudness stage:
5.3.1 Attenuation
Figure 5 shows the attenuation as a function of frequency at fP = 400Hz
Figure 5. Loudness Attenuation @ fP = 400Hz.
-20
-15
-10
-5
0
5
10
100
1K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com