Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803869 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803869
Description  Label, for marking fire detection systems, Card, red/white, unlabeled, can be labeled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803869 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803869 Datasheet HTML 1Page - PHOENIX CONTACT 0803869 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803869
09/06/2018   Page 1 / 2
Label - US-PML-F100 (D50) - 0803869
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, for marking fire detection systems, Card, red/white, unlabeled, can be labeled with: THERMOMARK
PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter:
50 mm, lettering field size: d: 50 mm
Key Commercial Data
Packing unit
10 STK
Minimum order quantity
10 STK
GTIN
GTIN
4055626173146
Technical data
Dimensions
Length (b)
0 mm
Width (a)
0 mm
Height (c)
0 mm
Diameter
50.00 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 90 °C
General
Color
red/white
Components
Silicone-free
Material
PVC
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
4
Number of individual labels per row
2
Marking mounting type
adhesive
Standards and Regulations


Similar Part No. - 0803869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803860 PHOENIX-0803860 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) GY
0803861 PHOENIX-0803861 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) TQ
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
0803863 PHOENIX-0803863 Datasheet
51Kb / 2P
Insert label - US-EMT (13X109) YE
0803864 PHOENIX-0803864 Datasheet
51Kb / 2P
Insert label - US-EMT (13X109) GY
More results

Similar Description - 0803869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UC-WMCO PHOENIX-UC-WMCO Datasheet
55Kb / 2P
Alignment tool for cable markers, orange, unlabeled, can be labeled
0803868 PHOENIX-0803868 Datasheet
53Kb / 2P
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled
0803871 PHOENIX-0803871 Datasheet
52Kb / 2P
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 50 mm, lettering field size: d: 50 mm
0803872 PHOENIX-0803872 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 90 mm, lettering field size: d: 90 mm
0803873 PHOENIX-0803873 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 60 mm, lettering field size: d: 60 mm
1025465 PHOENIX-1025465 Datasheet
68Kb / 4P
Can be labeled on every level
0830528 PHOENIX-0830528 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (8X8)R
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (20X7)R
0830533 PHOENIX-0830533 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (25X8)R
0830537 PHOENIX-0830537 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (40X15)R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com