Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803871 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803871
Description  Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 50 mm, lettering field size: d: 50 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803871 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803871 Datasheet HTML 1Page - PHOENIX CONTACT 0803871 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803871
09/06/2018   Page 1 / 2
Label - US-PML-F200 (D50) - 0803871
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled with: THERMOMARK
PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter:
50 mm, lettering field size: d: 50 mm
Key Commercial Data
Packing unit
10 STK
Minimum order quantity
10 STK
GTIN
GTIN
4055626173153
Technical data
Dimensions
Length (b)
0 mm
Width (a)
0 mm
Height (c)
0 mm
Diameter
50.00 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 90 °C
General
Color
blue/white
Components
Silicone-free
Material
PVC
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
4
Number of individual labels per row
2
Marking mounting type
adhesive
Standards and Regulations


Similar Part No. - 0803871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803872 PHOENIX-0803872 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 90 mm, lettering field size: d: 90 mm
0803873 PHOENIX-0803873 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 60 mm, lettering field size: d: 60 mm
0803874 PHOENIX-0803874 Datasheet
55Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5)
0803875 PHOENIX-0803875 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5) SR
0803876 PHOENIX-0803876 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 24 (30X18/8)
More results

Similar Description - 0803871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PABE-AZ PHOENIX-PABE-AZ Datasheet
51Kb / 2P
Alignment tool for cable markers, green, Unlabeled, Mounting type: Insert, Lettering field: 4 x 2.1 mm
0801589 PHOENIX-0801589 Datasheet
55Kb / 2P
Marker for end clamp, can be ordered: by sheet, white, labeled according to customer specifications, mounting type: snapped into marker carrier, lettering field size: 30 x 5 mm
0803868 PHOENIX-0803868 Datasheet
53Kb / 2P
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled
0803869 PHOENIX-0803869 Datasheet
52Kb / 2P
Label, for marking fire detection systems, Card, red/white, unlabeled, can be labeled
0803872 PHOENIX-0803872 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 90 mm, lettering field size: d: 90 mm
0803873 PHOENIX-0803873 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 60 mm, lettering field size: d: 60 mm
0827283 PHOENIX-0827283 Datasheet
52Kb / 2P
Marker carriers, transparent, unlabeled, mounting type: slide on, cable diameter range: 2.5 - 5 mm, lettering field size: 15 x 4.2 mm
0830677 PHOENIX-0830677 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??6 mm, lettering field size: 13 x 13 mm
0830678 PHOENIX-0830678 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??14 mm, lettering field size: 25 x 19 mm
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com