Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804499 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804499
Description  The plotter is controlled with the CLIP PROJECT software
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804499 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804499 Datasheet HTML 1Page - PHOENIX CONTACT 0804499 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0804499
09/06/2018   Page 1 / 2
Marking plotter - PLOTMARK - 0804499
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Marking plotter, weight: 8 kg, width: 480 mm, height: 155 mm, color: silver
Product Description
Plotting area: 422 x 305 mm, material height: 10.5 mm, plotting speed: 0.04 m/sec, data buffer: 16 MB, resolution: 0.01 mm, repeat accuracy: 0.05
mm
Why buy this product
 The plotter is controlled with the CLIP PROJECT software
 The pens are removed and deposited automatically
 Easily operated with just a few buttons
 The plotter can be connected to the computer quickly and easily via the Centronics or USB interface
 An automatic marking preparation function ensures optimum marking results right from the first character
 During long intervals, the plotter pens are stored safely in a pen station
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626381190
Technical data
General
Interface
USB 2.0
Weight
8 kg
Dimensions
Length
690 mm
Height
155 mm
Width
480 mm
Connection data


Similar Part No. - 0804499

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804496 PHOENIX-0804496 Datasheet
188Kb / 6P
WMS-2 HF 4,8 (EX9)R GN - Shrink sleeve
0804498 PHOENIX-0804498 Datasheet
188Kb / 6P
WMS-2 HF 4,8 (EX9)R OG - Shrink sleeve
More results

Similar Description - 0804499

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02_14 Datasheet
496Kb / 21P
Permanent Software Write Protection for the First-half of the Array
logo
STMicroelectronics
UM1599 STMICROELECTRONICS-UM1599 Datasheet
797Kb / 17P
The STPM01 and STPM1x evaluation software
27-Aug-2013
UM1719 STMICROELECTRONICS-UM1719 Datasheet
1Mb / 18P
The STPM3x evaluation software
29-Jan-2014
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
Audio software codec for the STM8S
16-Mar-2010
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
logo
Amphenol Corporation
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
CAGE IS INTENDED FOR USE WITH THE
logo
Melexis Microelectronic...
EVB90640 MELEXIS-EVB90640 Datasheet
1Mb / 7P
Before connecting the EVB to the PC, first install the EVB software
logo
PHOENIX CONTACT
2700993 PHOENIX-2700993 Datasheet
58Kb / 3P
The ILC 130 SBT STARTERKIT is a combination of hardware and an example project.
2819749 PHOENIX-2819749 Datasheet
44Kb / 2P
Phoenix Contact provides a variety of software products in the form of function modules and software tools for working with AUTOMATIONWORX. The entire collection is available on the CD AX SOFTWARELIB
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
Software - PROJECT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com