Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1934 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1934_13 Datasheet HTML 19Page - Analog Devices AD1934_13 Datasheet HTML 20Page - Analog Devices AD1934_13 Datasheet HTML 21Page - Analog Devices AD1934_13 Datasheet HTML 22Page - Analog Devices AD1934_13 Datasheet HTML 23Page - Analog Devices AD1934_13 Datasheet HTML 24Page - Analog Devices AD1934_13 Datasheet HTML 25Page - Analog Devices AD1934_13 Datasheet HTML 26Page - Analog Devices AD1934_13 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD1934
Rev. D | Page 23 of 28
AUXILIARY TDM PORT CONTROL REGISTERS
Table 23. Auxiliary TDM Control 0
Bit
Value
Function
Description
1:0
00
24
Word width
01
20
10
Reserved
11
16
4:2
000
1
SDATA delay (BCLK periods)
001
0
010
8
011
12
100
16
101
Reserved
110
Reserved
111
Reserved
6:5
00
Reserved
Serial format
01
Reserved
10
DAC aux mode
11
Reserved
7
0
Latch in midcycle (normal)
BCLK active edge (TDM in)
1
Latch in at end of cycle (pipeline)
Table 24. Auxiliary TDM Control 1
Bit
Value
Function
Description
0
0
50/50 (allows 32/24/20/16 BCLK/channel)
LRCLK format
1
Pulse (32 BCLK/channel)
1
0
Drive out on falling edge (DEF)
BCLK polarity
1
Drive out on rising edge
2
0
Left low
LRCLK polarity
1
Left high
3
0
Slave
LRCLK master/slave
1
Master
5:4
00
64
BCLKs per frame
01
128
10
256
11
512
6
0
Slave
BCLK master/slave
1
Master
7
0
AUXTDMBCLK pin
BCLK source
1
Internally generated
ADDITIONAL MODES
The AD1934 offers several additional modes for board level
design enhancements. To reduce the EMI in board level design,
serial data can be transmitted without an explicit BCLK. See
Figure 19 for an example of a DAC TDM data transmission
mode that does not require high speed DBCLK. This configuration
is applicable when the AD1934 master clock is generated by the
PLL with the DLRCLK as the PLL reference frequency.
To relax the requirement for the setup time of the AD1934 in
cases of high speed TDM data transmission, the AD1934 can
latch in the data using the falling edge of DBCLK. This
effectively dedicates the entire BCLK period to the setup time.
This mode is useful in cases where the source has a large delay
time in the serial data driver. Figure 20 shows this pipeline
mode of data transmission.
Both the BLCK-less and pipeline modes are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com