Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7480WBBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7480WBBCZ
Description  Dual Mode HDMI/MHL Receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7480WBBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7480WBBCZ Datasheet HTML 11Page - Analog Devices ADV7480WBBCZ Datasheet HTML 12Page - Analog Devices ADV7480WBBCZ Datasheet HTML 13Page - Analog Devices ADV7480WBBCZ Datasheet HTML 14Page - Analog Devices ADV7480WBBCZ Datasheet HTML 15Page - Analog Devices ADV7480WBBCZ Datasheet HTML 16Page - Analog Devices ADV7480WBBCZ Datasheet HTML 17Page - Analog Devices ADV7480WBBCZ Datasheet HTML 18Page - Analog Devices ADV7480WBBCZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADV7480
THEORY OF OPERATION
COMBINED HDMI/MHL RECEIVER
The ADV7480 features a combined HDMI/MHL receiver. This
single receiver port is capable of accepting both HDMI and
MHL electrical signals. Automatic detection between HDMI
and MHL is achieved by using cable impedance detection
through the CD_SENSE pin.
Both MHL and HDMI interfaces of the ADV7480 allow
authentication of a video receiver, decryption of encoded data at
the receiver, and renewability of that authentication during
transmission, as specified by the HDCP 1.4 protocol.
Dual extended display identification data (EDID) support is
provided via an on-chip 512-byte EDID RAM. The EDID RAM
must be programmed at power-up. It can be configured as two
256-byte EDIDs for dual mode operation (one 256-byte EDID
for the HDMI receiver, and one 256-byte EDID for the MHL
receiver), or as a single 512-byte EDID for single mode operation.
The ADV7480 has a synchronization regeneration block used to
regenerate the data enable (DE) signal based on the measurement
of the video format being displayed and to filter the horizontal
and vertical synchronization signals to prevent glitches.
The combined HDMI/MHL receiver also supports TMDS error
reduction coding, 4-bit (TERC4) error detection, used for the
detection of corrupted HDMI or MHL packets.
MHL RECEIVER
The MHL receiver supports video formats ranging from 480i to
720p/1080i, and display resolutions from VGA (640 × 480 at
60 Hz) to XGA (1024 × 768 at 60 Hz).
The MHL receiver allows programmable equalization of the
MHL data signals. This equalization compensates for the high
frequency losses inherent in MHL cabling, especially at longer
lengths and higher frequencies. The receiver is capable of
equalizing for cable lengths of up to 2 meters to achieve robust
receiver performance.
The MHL receiver includes the following pins:
•
RX0N and RX0P. In MHL mode, this differential pair
receives the data transmitted as a differential signal, and
the clock transmitted on the common mode.
•
HPD/CBUS. In MHL mode, this pin is used for CBUS
communication.
•
VBUS_EN. This pin provides an enable signal for an
external source providing 5 V of power to the MHL source
on VBUS.
•
RX_5V/VBUS. In MHL mode, this pin is an input
monitoring the VBUS signal provided by an external
source enabled by VBUS_EN.
•
CD_SENSE. This pin detects whether the signals provided
to the HDMI/MHL receiver are HDMI signals or MHL
signals. A high level indicates MHL, and a low level
indicates HDMI.
The implementation of the MSC commands by the system
processor can be handled either through the I2C bus, or via a
dedicated SPI bus. A dedicated interrupt pin (INTRQ3) is
available to indicate that events related to the CBUS have occurred.
The main MHL receiver features include
•
Support for a pixel clock up to 75 MHz in 24-bit mode,
allowing support for video formats up to 720p/1080i and
display resolutions up to XGA in either RGB, YCbCr 4:4:4,
or YCbCr 4:2:2 formats.
•
Integrated fully adaptive equalizer for cable lengths up to
2 meters.
•
HDCP 1.4 support.
•
Internal HDCP keys.
•
HDCP repeater support, up to 25 key selection vectors
(KSVs) supported.
•
Pulse code modulation (PCM) audio packet support.
•
Support for 8-channel TDM output data up to 48 kHz.
•
Repeater support.
•
Internal EDID RAM (512-byte for single mode, and
256-byte for dual mode operation).
•
Scratchpad register support with a size of 64 bytes.
HDMI RECEIVER
The HDMI receiver supports video formats ranging from 480i
to 1080p, and display resolutions from VGA (640 × 480 at
60 Hz) to UXGA (1600 × 1200 at 60 Hz).
The HDMI receiver allows programmable equalization of the
HDMI data signals. This equalization compensates for the high
frequency losses inherent in HDMI and DVI cabling, especially
at longer lengths and higher frequencies. The receiver is capable
of equalizing for cable lengths up to 30 meters to achieve robust
receiver performance.
The main HDMI receiver features include
•
162.0 MHz (UXGA at 24 BPP) maximum TMDS clock
frequency.
•
Integrated fully adaptive equalizer for cable lengths up to
30 meters.
•
HDCP 1.4 support.
•
Internal HDCP keys.
•
HDCP repeater support, up to 25 key selection vectors
(KSVs) supported.
•
PCM audio packet support.
•
Support for 8-channel TDM output data up to 48 kHz.
•
Repeater support.
•
Internal EDID RAM (512-byte for single mode, and
256-byte for dual mode operation).
•
Hot Plug assert output pin (HPD/CBUS).
•
CEC controller.
Rev. 0 | Page 17 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com