Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7625 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7625
Description  3 GHz HDMI 5:2 Crosspoint Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7625 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7625 Datasheet HTML 16Page - Analog Devices ADV7625 Datasheet HTML 17Page - Analog Devices ADV7625 Datasheet HTML 18Page - Analog Devices ADV7625 Datasheet HTML 19Page - Analog Devices ADV7625 Datasheet HTML 20Page - Analog Devices ADV7625 Datasheet HTML 21Page - Analog Devices ADV7625 Datasheet HTML 22Page - Analog Devices ADV7625 Datasheet HTML 23Page - Analog Devices ADV7625 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADV7625
Rev. 0 | Page 21 of 24
Pin No.
Mnemonic
Function
Description
T8
GND
Ground
Ground.
T9
GND
Ground
Ground.
T10
AVDD_TXB
Power
HDMI TxB Analog Supply (1.8 V).
T11
AVDD_TXB
Power
HDMI TxB Analog Supply (1.8 V).
T12
DVDDIO
Power
Digital Interface Supply (3.3 V).
T13
EP_SCLK
Serial port control
SPI Clock Interface for the OSD.
T14
P8/AP2_IN_MCLK
Pixel port input/audio input
Pixel Port Input P8/Audio Input Port 2, MCLK.
T15
P10/AP2_IN5
Pixel port input/audio input
Pixel Port Input P10/Audio Input Port 2, Input 5.
T16
P12/AP2_IN3
Pixel port input/audio input
Pixel Port Input P12/Audio Input Port 2, Input 3.
T17
P14/AP2_IN1
Pixel port input/audio input
Pixel Port Input P14/Audio Input Port 2, Input 1.
T18
DE
Pixel port input sync
Data Enable for Pixel Port Input Video.
U1
TXA_2−
HDMI Tx output
HDMI TxA Channel 2 Complement Output.
U2
TXA_2+
HDMI Tx output
HDMI TxA Channel 2 True Output.
U3
GND
Ground
Ground.
U4
DDC_SCL_TXA
HDMI Tx DDC
HDCP Slave Serial Clock for HDMI TxA.
U5
TXA_ARC+
HDMI Tx input
HDMI TxA Audio Return Channel True Input.
U6
PVDD_TXB
Power
HDMI TxB PLL Power Supply (1.8 V).
U7
GND
Ground
Ground.
U8
TXB_C+
HDMI Tx output
HDMI TxB Clock True Output.
U9
TXB_0+
HDMI Tx output
HDMI TxB Channel 0 True Output.
U10
TXB_1+
HDMI Tx output
HDMI TxB Channel 1 True Output.
U11
TXB_2+
HDMI Tx output
HDMI TxB Channel 2 True Output.
U12
GND
Ground
Ground.
U13
EP_MOSI
Serial port control
SPI Master Output/Slave Input for OSD.
U14
P1/AP1_IN_SCLK
Pixel port input/audio input
Pixel Port Input P1/Audio Input Port 1, SCLK.
U15
P3/AP1_IN4
Pixel port input/audio input
Pixel Port Input P3/Audio Input Port 1, Input 4.
U16
P5/AP1_IN2
Pixel port input/audio input
Pixel Port Input P5/Audio Input Port 1, Input 2.
U17
P7/AP1_IN0
Pixel port input/audio input
Pixel Port Input P7/Audio Input Port 1, Input 0.
U18
GND
Ground
Ground.
V1
GND
Ground
Ground.
V2
GND
Ground
Ground.
V3
GND
Ground
Ground.
V4
DDC_SDA_TXA
HDMI Tx DDC
HDCP Slave Serial Data for HDMI TxA.
V5
TXA_HPD_ARC−
HDMI Tx input
HDMI TxA Hot Plug Detect (HPD) Signal and Audio Return Channel
Complement Input.
V6
PVDD_TXB
Power
HDMI TxB PLL Power Supply (1.8 V).
V7
GND
Ground
Ground.
V8
TXB_C−
HDMI Tx output
HDMI TxB Clock Complement Output.
V9
TXB_0−
HDMI Tx output
HDMI TxB Channel 0 Complement Output.
V10
TXB_1−
HDMI Tx output
HDMI TxB Channel 1 Complement Output.
V11
TXB_2−
HDMI Tx output
HDMI TxB Channel 2 Complement Output.
V12
GND
Ground
Ground.
V13
EP_MISO
Serial port control
SPI Master Input/Slave Output for OSD.
V14
P0/AP1_IN_MCLK
Pixel port input/audio input
Pixel Port Input P0/Audio Input Port 1, MCLK.
V15
P2/AP1_IN5
Pixel port input/audio input
Pixel Port Input P2/Audio Input Port 1, Input 5.
V16
P4/AP1_IN3
Pixel port input/audio input
Pixel Port Input P4/Audio Input Port 1, Input 3.
V17
P6/AP1_IN1
Pixel port input/audio input
Pixel Port Input P6/Audio Input Port 1, Input 1.
V18
GND
Ground
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com