Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2603 Datasheet(PDF) 18 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 18 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 14Page - Analog Devices SSM2603 Datasheet HTML 15Page - Analog Devices SSM2603 Datasheet HTML 16Page - Analog Devices SSM2603 Datasheet HTML 17Page - Analog Devices SSM2603 Datasheet HTML 18Page - Analog Devices SSM2603 Datasheet HTML 19Page - Analog Devices SSM2603 Datasheet HTML 20Page - Analog Devices SSM2603 Datasheet HTML 21Page - Analog Devices SSM2603 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
SSM2603
Data Sheet
Rev. D | Page 18 of 31
TYPICAL APPLICATION CIRCUITS
AVDD
VMID
AGND
DBVDD DGND DCVDD
HPVDD
PGND
MICBIAS
RHPOUT
ROUT
MICIN
DIGITAL
PROCESSOR
RLINEIN
MUX
ADC
LLINEIN
MUX
ADC
DAC
DAC
LOUT
LHPOUT
OSC
CLK GEN
MCLK/XTI
XTO
CLKOUT
CONTROL INTERFACE
MUTE CSB
SDIN SCLK
DIGITAL AUDIO INTERFACE
PBDAT RECDAT BCLK PBLRC RECLRC
OUT
DAC
ADC
PWROFF
REF
MIC
LINE
OSC
CLKOUT
SIDETONE
BYPASS
SSM2603
SIDETONE
BYPASS
Figure 30. Power Management Functional Location Diagram (Control Register R6, Bit D0 to Bit D7)
Connection under chip
CSB
SDIN
SCLK
DACLRC
DACDAT
ADCDAT
ADCLRC
BCLK
+3.3V_VAA
+3.3V_VAA
+3,3V_VDD
J4
BNC
1
C12
1uF
R4
NC
+
C21
10uF
R12
100
C26
220PF
C13
1uF
+
C3
10uF
C5
220PF
C27
220PF
C14
220uF
R6
NC
L1
FB
C20
0.1uF
C7
22pF
C11
220PF
C15
220uF
R8
0
C1
1uF
R13
47K
U1
SSM2603CPZ
24
23
21
22
9
8
10
11
7
25
26
27
28
1
2
17
16
13
14
6
20
LLINEIN
RLINEIN
MICBIAS
MICIN
PBLRC
PBDAT
RECDAT
RECLRC
BCLK
MUTE
CSB
SDIN
SCLK
MCLK/XTI
XTO
ROUT
LOUT
LHPOUT
RHPOUT
CLKOUT
VMID
R15
47K
C24
0.1uF
J5
BNC
1
C2
1uF
L2
FB
R9
47K
C10
1uF
R1
0
J2
R
1
+
C18
10uF
C4
220PF
C6
0.1uF
J7
MIC_IN
1
R7
680
C23
0.1uF
+
C22
10uF
R11
100
R2
NC
R10
47K
C8
22pF
R5
100K
C19
0.1uF
R14
47K
J6
PHONEJACK STEREO SW
1
2
3
4
5
Y1
12.288MHz
R3
0
+
C25
10uF
J1
L
1
SPI[0..2]
I2S[0..4]
Figure 31. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com